Electronic Components Datasheet Search
  English  ▼

X  

LTC3207 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3207
Description  600mA Universal Multi-Output LED/CAM Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3207 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3207 Datasheet HTML 4Page - Linear Technology LTC3207 Datasheet HTML 5Page - Linear Technology LTC3207 Datasheet HTML 6Page - Linear Technology LTC3207 Datasheet HTML 7Page - Linear Technology LTC3207 Datasheet HTML 8Page - Linear Technology LTC3207 Datasheet HTML 9Page - Linear Technology LTC3207 Datasheet HTML 10Page - Linear Technology LTC3207 Datasheet HTML 11Page - Linear Technology LTC3207 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3207/LTC3207-1
8
3207fc
OPERATION
Power Management
The LTC3207/LTC3207-1 use a switched capacitor charge
pump to boost CPO to as much as two times the input
voltage up to 5.05V. The part starts up in 1x mode. In
this mode, VBAT is connected directly to CPO. This mode
provides maximum efficiency and minimum noise. The
LTC3207/LTC3207-1 will remain in 1x mode until an LED
current source drops out. Dropout occurs when a current
source voltage becomes too low for the programmed
current to be supplied. When dropout is detected, the
LTC3207/LTC3207-1 will switch into 1.5x mode. The CPO
voltage will then start to increase and will attempt to reach
1.5x VBAT up to 4.55V. Any subsequent dropout will cause
the part to enter the 2x mode. The CPO voltage will attempt
to reach 2x VBAT up to 5.05V.
A 2-phase non-overlapping clock activates the charge
pump switches. In the 2x mode, the flying capacitors are
charged on alternate clock phases from VBAT to minimize
CPO voltage ripple. In 1.5x mode the flying capacitors are
charged in series during the first clock phase and stacked
in parallel on VBAT during the second phase. This sequence
of charging and discharging the flying capacitors continues
at a constant-frequency of 850kHz.
The current delivered by each LED current source is con-
trolled by an associated DAC. Each DAC is programmed
via the I2C port.
Soft-Start
Initially, when the part is in shutdown, a weak switch
connects VBAT to CPO. This allows VBAT to slowly charge
the CPO output capacitor and to prevent large charging
currents from occurring.
The LTC3207/LTC3207-1 also employ a soft-start feature
on its charge pump to prevent excessive inrush current
and supply droop when switching into the step-up modes.
The current available to the CPO pin is increased linearly
over a typical period of 125µs. Soft-start occurs at the
start of both 1.5x and 2x mode changes.
Charge Pump Strength
When the LTC3207/LTC3207-1 operate in either 1.5x
mode or 2x mode, the charge pump can be modeled as
a Thevenin-equivalent circuit to determine the amount of
current available from the effective input voltage and ef-
fective open-loop output resistance, ROL (Figure 1).
ROL is dependent on a number of factors, including the
switching term, 1/(2fOSC • CFLY), internal switch resist-
ances and the non-overlap period of the switching circuit.
However, for a given ROL, the amount of current available
will be directly proportional to the advantage voltage of
1.5VBAT – CPO for 1.5x mode and 2VBAT – CPO for 2x mode.
Consider the example of driving LEDs from a 3.1V supply.
If the LED forward voltage is 3.8V and the current sources
require 100mV, the advantage voltage for 1.5x mode is
3.1V • 1.5 – 3.8V – 0.1V or 750mV. Notice that if the input
voltage is raised to 3.2V, the advantage voltage jumps to
900mV, a 20% improvement in available strength.
From Figure 1, for 1.5x mode the available current is
given by:
I
VV
R
OUT
BAT
CPO
OL
=
−
15
.
(1)
For 2x mode, the available current is given by:
I
VV
R
OUT
BAT
CPO
OL
=
−
2
(2)
Notice that the advantage voltage in this case is 3.1V • 2
– 3.8V – 0.1V = 2.3V. ROL is higher in 2x mode but a sig-
nificant overall increase in available current is achieved.
–
+
CPO
1.5VBAT OR 2VBAT
+
–
3207 F01
ROL
Figure 1. Equivalent Open-Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com