Electronic Components Datasheet Search
  English  ▼

X  

LTC3207 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3207
Description  600mA Universal Multi-Output LED/CAM Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3207 Datasheet(HTML) 4 Page - Linear Technology

  LTC3207 Datasheet HTML 1Page - Linear Technology LTC3207 Datasheet HTML 2Page - Linear Technology LTC3207 Datasheet HTML 3Page - Linear Technology LTC3207 Datasheet HTML 4Page - Linear Technology LTC3207 Datasheet HTML 5Page - Linear Technology LTC3207 Datasheet HTML 6Page - Linear Technology LTC3207 Datasheet HTML 7Page - Linear Technology LTC3207 Datasheet HTML 8Page - Linear Technology LTC3207 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3207/LTC3207-1
4
3207fc
TEMPERATURE (°C)
–40
0.55
0.60
0.65
35
85
3207 G04
0.50
0.45
0.40
–15
10
60
0.70
0.75
0.80
ICPO = 200mA
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.9V
TEMPERATURE (°C)
–40
3.7
4.1
4.5
60
3.3
2.9
3.5
3.9
4.3
3.1
2.7
2.5
–15
10
35
85
VBAT = 3V
VCPO = 4.2V
C2 = C3 = 2.2µF
C4 = 4.7µF
3207 G05
ICPO (mA)
0
4.6
4.8
400
3207 G06
4.0
4.4
4.2
3.8
3.6
100
200
300
500
C2 = C3 = 2.2µF
C4 = 4.7µF
3.6V
3.5V
3.4V
3.3V
3.2V
3.1V
VBAT = 3V
200µs/DIV
VCPO
1V/DIV
3207 G01
VBAT = 3.6V
1.5x
2x
1x
500ns/DIV
VCPO
20mV/DIV
AC
COUPLED
3207 G02
VBAT = 3.6V
ICPO = 200mA
CCPO = 4.7µF
500ns/DIV
VCPO
20mV/DIV
AC
COUPLED
3207 G03
VBAT = 3.6V
IVCPO = 200mA
CCPO = 4.7µF
TYPICAL PERFORMANCE CHARACTERISTICS
Mode Switch Dropout Times
1.5x Mode CPO Ripple
2x Mode CPO Ripple
1x Mode Switch Resistance
vs Temperature
1.5x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
(1.5VBAT-VCPO)/ICPO
1.5x Mode CPO Voltage vs ICPO
TA = 25°C unless otherwise noted
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3207E/LTC3207E-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to
85°C ambient operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: Based on long term current density limitations. Assumes operating
duty cycle of <10% under absolute maximum conditions for durations less
than 10 seconds.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 5: 1.5x mode output impedance is defined as (1.5VBAT – VCPO)/IOUT.
2x mode output impedance is defined as (2VBAT – VCPO)/IOUT.
Note 6: All values are referenced to VIH and VIL levels.
Note 7: Guaranteed by design.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tf
Clock Data Fall Time
20
300
ns
tr
Clock Data Rise Time
20
300
ns
tSP
Spike Suppression Time
50
ns
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 3.6V, DVCC = 3V, ENU = Hi, CAMHL = LO, C1 = C2 = C3 = 2.2µF,
C4 = 4.7µF, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com