Electronic Components Datasheet Search
  English  ▼

X  

LTC3207 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3207
Description  600mA Universal Multi-Output LED/CAM Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3207 Datasheet(HTML) 5 Page - Linear Technology

  LTC3207 Datasheet HTML 1Page - Linear Technology LTC3207 Datasheet HTML 2Page - Linear Technology LTC3207 Datasheet HTML 3Page - Linear Technology LTC3207 Datasheet HTML 4Page - Linear Technology LTC3207 Datasheet HTML 5Page - Linear Technology LTC3207 Datasheet HTML 6Page - Linear Technology LTC3207 Datasheet HTML 7Page - Linear Technology LTC3207 Datasheet HTML 8Page - Linear Technology LTC3207 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3207/LTC3207-1
5
3207fc
ICPO (mA)
0
25
3207 G13
20
10
15
5
0
200
100
400
300
600
500
VBAT = 3.6V
VBAT VOLTAGE (V)
2.9
5.5
6.5
7.5
4.1
4.9
3207 G10
4.5
3.5
3.3
3.7
4.5
5.3
2.5
1.5
TA = 85°C
TA = –40°C
TA = 25°C
VBAT VOLTAGE (V)
2.7
480
490
500
5.1
3207 G11
470
460
475
485
495
465
455
450
3.3
3.0
3.9
3.6
4.5 4.8
5.4
4.2
ICPO (mA)
0
15
20
400
3207 G12
10
5
0
100
200
300
500
VBAT = 3.6V
CAM PIN VOLTAGE (V)
0.0
300
400
450
0.8
3207 G14
200
100
250
350
150
50
0
0.2
0.4
0.6
1.0
VBAT = 3.6V
INPUT CODE (HEX)
0
0
50
150
200
250
6789
450
3207 G15
100
12345
A BC DE F
300
350
400
TYPICAL PERFORMANCE CHARACTERISTICS
VBAT Shutdown Current
vs VBAT Voltage
1x Mode No Load VBAT Current
vs VBAT Voltage
1.5x Mode VBAT Current vs ICPO
(IVBAT-1.5ICPO)
2x Mode VBAT Current vs ICPO
(IVBAT-2ICPO)
CAM Pin Current
vs CAM Pin Voltage
CAM LED Current
vs Input Code
TA = 25°C unless otherwise noted
TEMPERATURE (°C)
–40
4.2
4.6
5.0
60
3207 G07
3.8
3.4
4.0
4.4
4.8
3.6
3.2
3.0
–15
10
35
85
VBAT = 3V
VCPO = 4.8V
C2 = C3 = 2.2µF
C4 = 4.7µF
ICPO (mA)
0
4.8
5.0
5.2
400
3207 G08
4.6
4.4
4.7
4.9
5.1
4.5
4.3
4.2
100
200
300
500
C2 = C3 = 2.2µF
C4 = 4.7µF
3.6V
3.5V
3.4V
3.3V
3.2V
3.1V
VBAT = 3V
VBAT VOLTAGE (V)
2.9
875
4.1
4.9
3207 G09
850
825
3.3
3.7
4.5
5.3
800
775
TA = 85°C
TA = –40°C
TA = 25°C
2x Mode CPO Voltage vs ICPO
Oscillator Frequency
vs VBAT Voltage
2x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
(2VBAT-VCPO)/ICPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com