Electronic Components Datasheet Search
  English  ▼

X  

LTC3207 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3207
Description  600mA Universal Multi-Output LED/CAM Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3207 Datasheet(HTML) 1 Page - Linear Technology

  LTC3207 Datasheet HTML 1Page - Linear Technology LTC3207 Datasheet HTML 2Page - Linear Technology LTC3207 Datasheet HTML 3Page - Linear Technology LTC3207 Datasheet HTML 4Page - Linear Technology LTC3207 Datasheet HTML 5Page - Linear Technology LTC3207 Datasheet HTML 6Page - Linear Technology LTC3207 Datasheet HTML 7Page - Linear Technology LTC3207 Datasheet HTML 8Page - Linear Technology LTC3207 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3207/LTC3207-1
1
3207fc
C1P C1M C2P C2M
VBAT
VBAT
SCL/SDA
ENU
CAMHL
CPO
ULED1-12
CAM
GND
LTC3207/LTC3207-1
12
MAIN
SUB
CAM
RGB
ENABLE DISABLE
LOW HI
I2C
3207 TA01
RGB
C4
4.7µF
C1
2.2µF
DVCC
DVCC
0.1µF
2
C3
2.2µF
C2
2.2µF
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
600mA Universal
Multi-Output LED/CAM Driver
TheLTC®3207/LTC3207-1arehighlyintegratedmulti-display
LEDdrivers.Thedevicecontainsahigh-efficiency,low-noise
charge pump to provide power to 12 universal LED current
sources and one camera LED current source. The LTC3207/
LTC3207-1 require only five small ceramic capacitors to
form a complete LED power supply and current controller.
In addition there are two I2C addresses available.
The display currents are set by an internal precision cur-
rent reference. Independent dimming, On/Off, blinking
and gradation control for all universal current sources is
achieved via the I2C serial interface. 6-bit linear DACs are
available for adjusting brightness levels for each universal
LED current source. The CAM current source has a 4-bit
linear DAC to adjust brightness.
The LTC3207/LTC3207-1 charge pumps optimize efficiency
based on the voltage across the LED current sources. The
device powers-up in 1x mode and will automatically switch
to boost mode whenever any enabled LED current source
begins to enter dropout. The first dropout switches the
IC into 1.5x mode and a subsequent dropout switches
the LTC3207/LTC3207-1 into 2x mode. The device resets
to 1x mode whenever a data register is updated via the
I2C port.
4-LED MAIN, 2-LED SUB, Dual RGB and Camera Light
■
Low Noise, Multi-Mode Charge Pump (1x, 1.5x, 2x)
Provides Up to 91% Efficiency
■
Slew Limited Switching Reduces Conducted and
Radiated Noise (EMI)
■
Up to 600mA Total Output Current
■
Twelve 28mA Universal Current Sources with
64-Step Linear Brightness Control
■
425mA CAM LED Current Source with 16-Step
Linear Brightness Control and 2-Second High
Current Safety Timer
■
Independent On/Off, Brightness Level, Blinking and
Gradation Control for Each Current Source Using
2-Wire I2CTM Interface
■
Internal Current Reference
■
Two I2C Addresses are Available
(LTC3207 00110110, LTC3207-1 00110100)
■
Configurable ENU Pin for Asynchronous LED
On/Off Control
■
Automatic or Forced Mode Switching
■
Internal Soft-Start Limits Inrush Current
■
Short-Circuit/Thermal Protection
■
4mm × 4mm 24-Pin QFN Plastic Package
■
Video Phones with QVGA+ Displays
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 6411531.


Similar Part No. - LTC3207

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3207-1 LINER-LTC3207-1_15 Datasheet
249Kb / 20P
600mA Universal Multi-Output LED/CAM Driver
LTC3207 LINER-LTC3207_15 Datasheet
249Kb / 20P
600mA Universal Multi-Output LED/CAM Driver
More results

Similar Description - LTC3207

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
Multi-Purpose 9-Output LED Driver
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX ICHAUS-IC-DX_11 Datasheet
456Kb / 10P
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
logo
Texas Instruments
LP8501 TI1-LP8501_14 Datasheet
647Kb / 8P
PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
logo
Linear Technology
LTC3207 LINER-LTC3207_15 Datasheet
249Kb / 20P
600mA Universal Multi-Output LED/CAM Driver
LTC3207-1 LINER-LTC3207-1_15 Datasheet
249Kb / 20P
600mA Universal Multi-Output LED/CAM Driver
logo
Texas Instruments
LP8501 TI1-LP8501 Datasheet
2Mb / 51P
LP8501 Multi-Purpose 9-Output LED Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
Universal LED Driver
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX_14 Datasheet
407Kb / 9P
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX3 ICHAUS-IC-DX3 Datasheet
417Kb / 11P
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com