Electronic Components Datasheet Search
  English  ▼

X  

LTC3208 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3208
Description  High Current Software Confi gurable Multidisplay LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3208 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3208 Datasheet HTML 10Page - Linear Technology LTC3208 Datasheet HTML 11Page - Linear Technology LTC3208 Datasheet HTML 12Page - Linear Technology LTC3208 Datasheet HTML 13Page - Linear Technology LTC3208 Datasheet HTML 14Page - Linear Technology LTC3208 Datasheet HTML 15Page - Linear Technology LTC3208 Datasheet HTML 16Page - Linear Technology LTC3208 Datasheet HTML 17Page - Linear Technology LTC3208 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC3208
14
3208fa
Write Word Protocol Used By the LTC3208
1
7
1
1
8
1
8
1
1
S SLAVE ADDRESS WR A *SUB-ADDRESS A
DATA BYTE A P**
S = Start Condition, Wr = Write Bit = 0, A = Acknowledge,
P = Stop Condition
*The sub-address uses only the first 3 bits, D0, D1 and D2.
**Stop can be delayed until all of the data registers have been written.
Sub-Address Byte
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
REGISTER
X
X
X
X
X
0
0
0
NONE
X
X
X
X
X
0
0
1
REGA
X
X
X
X
X
0
1
0
REGB
X
X
X
X
X
0
1
1
REGC
X
X
X
X
X
1
0
0
REGD
X
X
X
X
X
1
0
1
REGE
X
X
X
X
X
1
1
0
REGF
X
X
X
X
X
1
1
1
REGG
OPERATIO
MSB
REGA2
LSB
MSB
REGA1
LSB
A7
A6
A5
A4
A3
A2
A1
A0
GRN D3
GRN D2
GRN D1
GRN D0
RED D3
RED D2
RED D1
RED D0
REGA, RED LED and GREEN LED 4-Bit DAC Data, Register Sub-Address = 001
MSB
REGB2
LSB
MSB
REGB1
LSB
B7
B6
B5
B4
B3
B2
B1
B0
AUX D3
AUX D2
AUX D1
AUX D0
BLUE D3
BLUE D2
BLUE D1
BLUE D0
REGB, BLUE LED and AUXILIARY 4-Bit DAC Data, Register Sub-Address = 010
MSB
LSB
C7
C6
C5
C4
C3
C2
C1
C0
MAIN D7
MAIN D6
MAIN D5
MAIN D4
MAIN D3
MAIN D2
MAIN D1
MAIN D0
REGC, MAIN LED 8-Bit DAC Data, Register Sub-Address = 011
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
SUB D7
SUB D6
SUB D5
SUB D4
SUB D3
SUB D2
SUB D1
SUB D0
REGD, SUB LED 8-Bit DAC Data, Register Sub-Address = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com