Electronic Components Datasheet Search
  English  ▼

X  

LTC3208 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3208
Description  High Current Software Confi gurable Multidisplay LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3208 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3208 Datasheet HTML 2Page - Linear Technology LTC3208 Datasheet HTML 3Page - Linear Technology LTC3208 Datasheet HTML 4Page - Linear Technology LTC3208 Datasheet HTML 5Page - Linear Technology LTC3208 Datasheet HTML 6Page - Linear Technology LTC3208 Datasheet HTML 7Page - Linear Technology LTC3208 Datasheet HTML 8Page - Linear Technology LTC3208 Datasheet HTML 9Page - Linear Technology LTC3208 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3208
6
3208fa
HEX CODE
28
20
22
24
26
6
8
10
12
14
16
18
4
2
0
20
40
60
80
3208 G19
FF
F0
E0
D0
C0
B0
A0
10
0
30507090
VBAT = 3.6V
TA = 25°C
RREF = 24.3k
3208 G16
CAM PIN VOLTAGE (V)
0
0
20
40
60
80
100
120
0.2
0.4
0.6
0.8
1.0
VBAT = 3.6V
TA = 25°C
HEX CODE
110
100
30
40
50
60
70
80
90
20
10
0
2468
3208 G18
F
E
D
C
B
A
1
0
3579
VBAT = 3.6V
TA = 25°C
RREF = 24.3k
TYPICAL PERFOR A CE CHARACTERISTICS
CAM Pin Current vs
CAM Pin Voltage
HEX CODE
30
25
20
15
10
5
0
2468
3208 G17
F
E
D
C
B
A
1
0
3579
VBAT = 3.6V
TA = 25°C
RREF = 24.3k
RGB LED Current vs Input Code
CAM LED Current vs
Input Code
Main/Sub LED Current vs
Input Code
Main/Sub INL
HEX CODE
1.0
0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
–0.8
–1.0
80
3208 G20
FF
1
HEX CODE
28
20
22
24
26
6
8
10
12
14
16
18
4
2
0
2468
3208 G21
F
E
D
C
B
A
1
03
5
7
9
VBAT = 3.6V
TA = 25°C
RREF = 24.3k
AUX LED Current vs Input Code
1x Mode No Load VBAT Current vs
VBAT Voltage
1.5x Mode Supply Current
vs ICPO (IVBAT – 1.5ICPO)
2x Mode Supply Current
vs ICPO (IVBAT – 2ICPO)
VBAT VOLTAGE (V)
3208 G13
2.7
200
210
220
230
240
250
260
270
280
290
300
3.0
3.3
3.6
3.9
4.2
4.5
TA = 25°C
LOAD CURRENT (mA)
0
0
10
20
30
40
200
400
600
3208 G14
800
VIN = 3.6V
TA = 25°C
LOAD CURRENT (mA)
0
10
5
20
15
25
3208 G15
0
200
400
600
800
100
300
500
700
VIN = 3.6V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com