Electronic Components Datasheet Search
  English  ▼

X  

LTC3208 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3208
Description  High Current Software Confi gurable Multidisplay LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3208 Datasheet(HTML) 4 Page - Linear Technology

  LTC3208 Datasheet HTML 1Page - Linear Technology LTC3208 Datasheet HTML 2Page - Linear Technology LTC3208 Datasheet HTML 3Page - Linear Technology LTC3208 Datasheet HTML 4Page - Linear Technology LTC3208 Datasheet HTML 5Page - Linear Technology LTC3208 Datasheet HTML 6Page - Linear Technology LTC3208 Datasheet HTML 7Page - Linear Technology LTC3208 Datasheet HTML 8Page - Linear Technology LTC3208 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3208
4
3208fa
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
tSU,STA
Repeated Start Condition Setup Time
0.6
µs
tSU,STO
Stop Condition Setup Time
0.6
µs
tHD,DAT(OUT)
Data Hold Time
0
900
ns
tHD,DAT(IN)
Input Data Hold Time
0
ns
tSU,DAT
Data Setup Time
100
ns
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
0.6
µs
tf
Clock Data Fall Time
20
300
ns
tr
Clock Data Rise Time
20
300
ns
tSP
Spike Suppression Time
50
ns
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 3.6V, DVCC = 3V, ENRGBS = Hi, RREF = 24k, C2 = C3 = 2.2µF,
C1 = C4 = 4.7µF, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the
MTBF of a device may be impaired.
Note 2: Based on long-term current density limitations. Assumes an
operating duty cycle of ≤10% under absolute maximum conditions for
durations less than 10 seconds. Max charge pump current for continuous
operation is 500mA.
Note 3: Based on long-term current density limitations.
Note 4: The LTC3208E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the – 40°C to 85°C ambient
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 5: 1.5x mode output impedance is defined as (1.5VBAT – VCPO)/IOUT.
2x mode output impedance is defined as (2VBAT – VCPO)/IOUT.
Note 6: All values are referenced to VIH and VIL levels.
Note 7: Guaranteed by Design.
Mode Switch Dropout Times
1.5x Mode CPO Ripple
2x Mode CPO Ripple
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
250
µs/DIV
VCPO
1V/DIV
3208 G01
1x
5V
1.5x
2x
TA = 25°C
VBAT = 3.6V
500ns/DIV
3208 G02
VCPO
20mV/DIV
AC COUPLED
TA = 25°C
VBAT = 3.6V
ICPO = 400mA
CCPO = 4.7µF
500ns/DIV
VCPO
20mV/DIV
AC COUPLED
3208 G03
TA = 25°C
VBAT = 3.6V
ICPO = 400mA
CCPO = 4.7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com