Electronic Components Datasheet Search
  English  ▼

X  

LTC3208 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3208
Description  High Current Software Confi gurable Multidisplay LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3208 Datasheet(HTML) 3 Page - Linear Technology

  LTC3208 Datasheet HTML 1Page - Linear Technology LTC3208 Datasheet HTML 2Page - Linear Technology LTC3208 Datasheet HTML 3Page - Linear Technology LTC3208 Datasheet HTML 4Page - Linear Technology LTC3208 Datasheet HTML 5Page - Linear Technology LTC3208 Datasheet HTML 6Page - Linear Technology LTC3208 Datasheet HTML 7Page - Linear Technology LTC3208 Datasheet HTML 8Page - Linear Technology LTC3208 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3208
3
3208fa
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 3.6V, DVCC = 3V, ENRGBS = Hi, RREF = 24k, C2 = C3 = 2.2µF,
C1 = C4 = 4.7µF, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
White LED Current (CAM1-4), 4-Bit Linear DAC
Full-Scale LED Current
CAM = 1V
●
92.5
102.5
112.5
mA
Minimum (1LSB) LED Current
CAM = 1V
6.96
mA
LED Current Matching
Any Two CAM Outputs, 50% FS
1
%
LED Dropout Voltage
ILED = FS
540
mV
White LED Current (AUX1-4, AUX Outputs Assigned to AUX DAC), 4-Bit Linear DAC
Full-Scale LED Current
AUX = 1V
●
23
26
28.5
mA
Minimum (1LSB) LED Current
AUX = 1V
1.73
mA
LED Current Matching
Two AUX Outputs, 50% FS
1
%
LED Dropout Voltage
ILED = FS
140
mV
Full-Scale AUX LED Current
AUX Connected to CAM DAC, AUX = 1V
104.9
mA
Full-Scale AUX LED Current
AUX Connected to SUB or MAIN DAC, AUX = 1V
28.1
mA
RGB LED Current (RED, GREEN, BLUE), 4-Bit Exponential DAC
DAC Code 0001
RED, GREEN, BLUE = 1V
0.24
mA
DAC Code 0010
RED, GREEN, BLUE = 1V
0.32
mA
DAC Code 0011
RED, GREEN, BLUE = 1V
0.46
mA
DAC Code 0100
RED, GREEN, BLUE = 1V
0.63
mA
DAC Code 0101
RED, GREEN, BLUE = 1V
0.89
mA
DAC Code 0110
RED, GREEN, BLUE = 1V
1.22
mA
DAC Code 0111
RED, GREEN, BLUE = 1V
1.74
mA
DAC Code 1000
RED, GREEN, BLUE = 1V
2.42
mA
DAC Code 1001
RED, GREEN, BLUE = 1V
3.47
mA
DAC Code 1010
RED, GREEN, BLUE = 1V
4.73
mA
DAC Code 1011
RED, GREEN, BLUE = 1V
6.7
mA
DAC Code 1100
RED, GREEN, BLUE = 1V
9.47
mA
DAC Code 1101
RED, GREEN, BLUE = 1V
13.56
mA
DAC Code 1110
RED, GREEN, BLUE = 1V
19.05
mA
DAC Code 1111
RED, GREEN, BLUE = 1V
27.06
mA
Charge Pump (CPO)
1x Mode Output Impedance
0.35
1.5x Mode Output Impedance
VBAT = 3V, VCPO = 4.2V (Note 5)
2
2x Mode Output Impedance
VBAT = 3V, VCPO = 4.8V (Note 5)
2.2
CPO Voltage Regulation
1.5x Mode, ICPO = 2mA
4.53
V
2x Mode, ICPO = 2mA
5.02
V
CLOCK Frequency
●
0.6
0.9
1.2
MHz
SDA, SCL, ENRGBS, CAMHL
VIL, (Low Level Input Voltage)
●
0.3 • DVCC
V
VIH, (High Level Input Voltage)
●
0.7 • DVCC
V
VOL, Digital Output Low (SDA)
IPULLUP = 3mA
●
0.18
0.4
V
IIH
SDA, SCL, ENRGBS, CAMHL = DVCC
●
–1
1
µA
IIL
SDA, SCL, ENRGBS, CAMHL = 0V
●
–1
1
µA
Serial Port Timing (Notes 6, 7)
tSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start Condition
1.3
µs
tHD,STA
Hold Time After (Repeated) Start Condition
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com