Electronic Components Datasheet Search
  English  ▼

X  

LTC3208 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3208
Description  High Current Software Confi gurable Multidisplay LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3208 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3208 Datasheet HTML 14Page - Linear Technology LTC3208 Datasheet HTML 15Page - Linear Technology LTC3208 Datasheet HTML 16Page - Linear Technology LTC3208 Datasheet HTML 17Page - Linear Technology LTC3208 Datasheet HTML 18Page - Linear Technology LTC3208 Datasheet HTML 19Page - Linear Technology LTC3208 Datasheet HTML 20Page - Linear Technology LTC3208 Datasheet HTML 21Page - Linear Technology LTC3208 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC3208
18
3208fa
APPLICATIO S I FOR ATIO
the rated voltage is applied. Therefore, when comparing
different capacitors, it is often more appropriate to compare
the amount of achievable capacitance for a given case size
rather than comparing the specified capacitance value. For
example, overrated voltage and temperature conditions, a
1µF, 10V, Y5V ceramic capacitor in a 0603 case may not
provide any more capacitance than a 0.22µF, 10V, X7R
available in the same case. The capacitor manufacturer’s
data sheet should be consulted to determine what value
of capacitor is needed to ensure minimum capacitances
at all temperatures and voltages.
Table 1 shows a list of ceramic capacitor manufacturers
and how to contact them:
Table 1. Recommended Capacitor Vendors
AVX
www.avxcorp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay
www.vishay.com
Layout Considerations and Noise
Due to its high switching frequency and the transient
currents produced by the LTC3208, careful board layout
is necessary. A true ground plane and short connections
to all capacitors will improve performance and ensure
proper regulation under all conditions.
The flying capacitor pins C1P, C2P, C1M and C2M will have
very high edge rate waveforms. The large dv/dt on these
pins can couple energy capacitively to adjacent PCB runs.
Magnetic fields can also be generated if the flying capacitors
are not close to the LTC3208 (i.e., the loop area is large).
To decouple capacitive energy transfer, a Faraday shield
may be used. This is a grounded PCB trace between the
sensitive node and the LTC3208 pins. For a high quality
AC ground, it should be returned to a solid ground plane
that extends all the way to the LTC3208.
The following guidelines should be followed when design-
ing a PCB layout for the LTC3208.
• The exposed pad should be soldered to a large copper
plane that is connected to a solid, low impedance ground
plane using plated, through-hole vias for proper heat
sinking and noise protection.
• Input and output capacitors (C1 and C4) must be placed
close to the part.
• The flying capacitors (C2 and C3) must be placed close
to the part. The traces running from the pins to the
capacitor pads should be as wide as possible.
• VBAT, CPO traces must be made wide to minimize
inductance and handle the high currents.
• LED pads must be large and connected to other layers
of metal to ensure proper heat sinking.
Figure 7. PC Board Layout Example
GND PLANE
LAYER
CPO
GND
GND PLANE
LAYER
3208 F07
CONNECT TO
GND PLANE LAYER
ALL VIAS LABELED GND
ARE CONNECTED TO
GND PLANE LAYER
ALL VIAS LABELED VBAT
ARE CONNECTED TO
VBAT PLANE LAYER
VBAT PLANE
LAYER
VBAT PLANE
LAYER
C1
1
R1
C6
GND
GND
GND
GND
GND
RREF
DVCC
VBAT
VBAT
VBAT
C2
C4
C3
C5
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com