Electronic Components Datasheet Search
  English  ▼

X  

LTC3441 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3441
Description  High Current Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 1 Page - Linear Technology

  LTC3441 Datasheet HTML 1Page - Linear Technology LTC3441 Datasheet HTML 2Page - Linear Technology LTC3441 Datasheet HTML 3Page - Linear Technology LTC3441 Datasheet HTML 4Page - Linear Technology LTC3441 Datasheet HTML 5Page - Linear Technology LTC3441 Datasheet HTML 6Page - Linear Technology LTC3441 Datasheet HTML 7Page - Linear Technology LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3441
1
3441fa
■ Regulated Output with Input Above, Below or Equal
to the Output
■ Single Inductor, No Schottky Diodes
■ High Efficiency: Up to 95%
■ 25
μA Quiescent Current in Burst Mode® Operation
■ Up to 1.2A Continuous Output Current from a Single
Lithium-Ion
■ True Output Disconnect in Shutdown
■ 2.4V to 5.5V Input Range
■ 2.4V to 5.25V Output Range
■ 1MHz Fixed Frequency Operation
■ Synchronizable Oscillator
■ Selectable Burst Mode or Fixed Frequency Operation
■ <1
μA Quiescent Current in Shutdown
■ Small, Thermally Enhanced 12-Lead (4mm
× 3mm)
DFN package
High Current Micropower
Synchronous Buck-Boost
DC/DC Converter
■ Handheld Computers
■ Handheld Instruments
■ MP3 Players
■ Digital Cameras
Burst Mode is a registered trademark of Linear Technology Corporation.
Efficiency vs VIN
The LTC
®3441 is a high efficiency, fixed frequency, buck-
boost DC/DC converter that operates efficiently from input
voltages above, below or equal to the output voltage. The
topology incorporated in the IC provides a continuous trans-
fer function through all operating modes, making the prod-
uct ideal for single lithium ion or multicell applications where
the output voltage is within the battery voltage range.
The device includes two 0.10
Ω N-channel MOSFET
switches and two 0.11
Ω P-channel switches. External
Schottky diodes are optional, and can be used for a
moderate efficiency improvement. The operating frequency
is internally set to 1MHz and can be synchronized up to
1.7MHz. Quiescent current is only 25
μA in Burst Mode
operation, maximizing battery life in portable applications.
Burst Mode operation is user controlled and can be
enabled by driving the MODE/SYNC pin high. If the MODE/
SYNC pin is driven low or with a clock, then fixed fre-
quency switching is enabled.
Other features include a 1
μA shutdown, soft-start control,
thermal shutdown and current limit. The LTC3441 is
available in a thermally enhanced 12-lead (4mm
× 3mm)
DFN package.
VIN (V)
2.5
50
60
70
80
3
3.5
4
4.5
3441 TA02
5
90
100
55
65
75
85
95
5.5
IOUT = 200mA
IOUT = 1A
VOUT = 3.3V
SW1
PVIN
VIN
SHDN/SS
MODE/SYNC
PGND
5
8
12
11
2
6
4
9
10
1
7
3
SW2
VOUT
FB
VC
GND
PGND
LTC3441
CIN
10
μF
*1 = Burst Mode OPERATION
0 = FIXED FREQUENCY
CIN: TAIYO YUDEN JMK212BJ106MG
COUT: TAIYO YUDEN JMK325BJ226MM
L1: TOKO A916CY-4R7M
2.5V TO 4.2V
Li-Ion
*
15k
340k
COUT
22
μF
VOUT
3.3V
1A
200k
1.5nF
3441 TA01
L1
4.7
μH
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Li-Ion to 3.3V at 1A Buck-Boost Converter
LT, LTC and LTM are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC3441

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3441 LINER-LTC3441 Datasheet
1Mb / 16P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3441 LINER-LTC3441 Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3441 LINER-LTC3441 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LTC3441 AD-LTC3441 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
More results

Similar Description - LTC3441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3443 LINER-LTC3443_15 Datasheet
233Kb / 16P
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com