Electronic Components Datasheet Search
  English  ▼

X  

LTC3441 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3441
Description  High Current Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 5 Page - Linear Technology

  LTC3441 Datasheet HTML 1Page - Linear Technology LTC3441 Datasheet HTML 2Page - Linear Technology LTC3441 Datasheet HTML 3Page - Linear Technology LTC3441 Datasheet HTML 4Page - Linear Technology LTC3441 Datasheet HTML 5Page - Linear Technology LTC3441 Datasheet HTML 6Page - Linear Technology LTC3441 Datasheet HTML 7Page - Linear Technology LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3441
5
3441fa
TYPICAL PERFOR A CE CHARACTERISTICS
PMOS RDS(ON)
Minimum Start Voltage
TEMPERATURE (
°C)
–50
0.05
0.07
0.09
0.11
–25
5
35
65
3441 G15
95
0.13
0.15
0.06
0.08
0.10
0.12
0.14
125
VIN = VOUT = 3.6V
SWITCHES A AND D
TEMPERATURE (
°C)
–55
2.10
2.15
2.20
2.25
2.30
–25
5
35
65
3441 G16
95
125
PI FU CTIO S
SHDN/SS (Pin 1): Combined Soft-Start and Shutdown.
Applied voltage < 0.4V shuts down the IC. Tie to >1.4V to
enable the IC and >2.4V to ensure the error amp is not
clamped from soft-start. An RC from the shutdown com-
mand signal to this pin will provide a soft-start function by
limiting the rise time of the VC pin.
GND (Pin 2): Signal Ground for the IC.
PGND (Pins 3, 6, 13 Exposed Pad): Power Ground for the
Internal NMOS Power Switches
SW1 (Pin 4): Switch pin where the internal switches A and
B are connected. Connect inductor from SW1 to SW2. An
optional Schottky diode can be connected from this SW1
to ground. Minimize trace length to keep EMI down.
SW2 (Pin 5): Switch pin where the internal switches C
and D are connected. An optional Schottky diode can be
connected from SW2 to VOUT (it is required where
VOUT > 4.3V). Minimize trace length to keep EMI down.
MODE/SYNC (Pin 7): Burst Mode Select and Oscillator
Synchronization.
MODE/SYNC = High: Enable Burst Mode Operation.
During the period where the IC is supplying energy to
the output, the inductor peak inductor current will reach
0.8A and return to zero current on each cycle. In Burst
Mode operation the operation is variable frequency,
which provides a significant efficiency improvement at
light loads. The Burst Mode operation will continue until
the pin is driven low.
MODE/SYNC = Low: Disable Burst Mode operation and
maintain low noise, constant frequency operation .
MODE/SYNC = External CLK : Synchronization of the
internal oscillator and Burst Mode operation disable. A
clock pulse width between 100ns and 2
μs and a clock
frequency between 2.3MHz and 3.4MHz (twice the
desired frequency) is required to synchronize the IC.
fOSC = fSYNC/2
VOUT (Pin 8): Output of the Synchronous Rectifier. A filter
capacitor is placed from VOUT to GND. A ceramic bypass
capacitor is recommended as close to the VOUT and GND
pins as possible.
PVIN (Pin 9): Power VIN Supply Pin. A 10μF ceramic capaci-
tor is recommended as close to the PVIN and PGND pins
as possible
VIN (Pin 10): Input Supply Pin. Internal VCC for the IC.
VC (Pin 11): Error Amp Output. A frequency compensation
network is connected from this pin to the FB pin to
compensate the loop. See the section “Compensating the
Feedback Loop” for guidelines.
FB (Pin 12): Feedback Pin. Connect resistor divider tap
here. The output voltage can be adjusted from 2.4V to
5.25V. The feedback reference voltage is typically 1.22V.
NMOS RDS(ON)
TEMPERATURE (
°C)
–55
0.05
0.07
0.09
0.11
0.13
0.15
–25
535
65
3441 G14
95
125
VIN = VOUT = 3.6V
SWITCHES B AND C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com