Electronic Components Datasheet Search
  English  ▼

X  

LTC3441 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3441
Description  High Current Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3441 Datasheet HTML 7Page - Linear Technology LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology LTC3441 Datasheet HTML 10Page - Linear Technology LTC3441 Datasheet HTML 11Page - Linear Technology LTC3441 Datasheet HTML 12Page - Linear Technology LTC3441 Datasheet HTML 13Page - Linear Technology LTC3441 Datasheet HTML 14Page - Linear Technology LTC3441 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3441
11
3441fa
Input Capacitor Selection
Since the VIN pin is the supply voltage for the IC it is
recommended to place at least a 4.7
μF, low ESR bypass
capacitor.
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
FAX
WEB SITE
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
Sanyo
(619) 661-6322
(619) 661-1055
www.sanyovideo.com
Taiyo Yuden (408) 573-4150
(408) 573-4159
www.t-yuden.com
Optional Schottky Diodes
The Schottky diodes across the synchronous switches B
and D are not required (VOUT < 4.3V), but provide a lower
drop during the break-before-make time (typically 15ns)
of the NMOS to PMOS transition, improving efficiency.
Use a Schottky diode such as an MBRM120T3 or equiva-
lent. Do not use ordinary rectifier diodes, since the slow
recovery times will compromise efficiency. For applica-
tions with an output voltage above 4.3V, a Schottky diode
is required from SW2 to VOUT.
Output Voltage < 2.4V
The LTC3441 can operate as a buck converter with output
voltages as low as 0.4V. The part is specified at 2.4V
minimum to allow operation without the requirement of a
Schottky diode. Synchronous switch D is powered from
VOUT and the RDS(ON) will increase at low output voltages,
therefore a Schottky diode is required from SW2 to VOUT
to provide the conduction path to the output.
Output Voltage > 4.3V
A Schottky diode from SW to VOUT is required for output
voltages over 4.3V. The diode must be located as close to
the pins as possible in order to reduce the peak voltage on
SW2 due to the parasitic lead and trace inductance.
Input Voltage > 4.5V
For applications with input voltages above 4.5V which
could exhibit an overload or short-circuit condition, a
2
Ω/1nF series snubber is required between the SW1 pin
and GND. A Schottky diode from SW1 to VIN should also
be added as close to the pins as possible. For the higher
input voltages, VIN bypassing becomes more critical;
therefore, a ceramic bypass capacitor as close to the VIN
and GND pins as possible is also required.
Operating Frequency Selection
Additional quiescent current due to the output switches
GATE charge is given by:
Buck: 800e–12 • VIN • f
Boost: 400e–12 • (VIN + VOUT) • f
Buck/Boost: f • (1200e–12 • VIN + 400e–12 • VOUT)
where f = switching frequency
Closing the Feedback Loop
The LTC3441 incorporates voltage mode PWM control.
The control to output gain varies with operation region
(Buck, Boost, Buck/Boost), but is usually no greater than
15. The output filter exhibits a double pole response is
given by:
f
LC
Hz
FILTER POLE
OUT
_
••
•
=
π
1
2
where COUT is the output filter capacitor.
The output filter zero is given by:
f
RC
Hz
FILTER ZERO
ESR
OUT
_
••
•
=
π
1
2
where RESR is the capacitor equivalent series resistance.
A troublesome feature in Boost mode is the right-half
plane zero (RHP), and is given by:
f
V
IL V
Hz
RHPZ
IN
OUT
OUT
=
π
2
2• •
• •
The loop gain is typically rolled off before the RHP zero
frequency.
A simple Type I compensation network can be incorpo-
rated to stabilize the loop but at a cost of reduced band-
width and slower transient response. To ensure proper
phase margin, the loop requires to be crossed over a
decade before the LC double pole.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com