Electronic Components Datasheet Search
  English  ▼

X  

LTC3441 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3441
Description  High Current Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology LTC3441 Datasheet HTML 10Page - Linear Technology LTC3441 Datasheet HTML 11Page - Linear Technology LTC3441 Datasheet HTML 12Page - Linear Technology LTC3441 Datasheet HTML 13Page - Linear Technology LTC3441 Datasheet HTML 14Page - Linear Technology LTC3441 Datasheet HTML 15Page - Linear Technology LTC3441 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3441
12
3441fa
APPLICATIO S I FOR ATIO
The unity-gain frequency of the error amplifier with the
Type I compensation is given by:
f
RCP
Hz
UG
=
π
1
21
1
••
•
Most applications demand an improved transient response
to allow a smaller output filter capacitor. To achieve a
higher bandwidth, Type III compensation is required. Two
zeros are required to compensate for the double-pole
response.
f
eR
C
Hz
Which is extremely close to DC
f
RC
Hz
f
RC
Hz
f
RC
Hz
POLE
P
ZERO
ZP
ZERO
Z
POLE
ZP
1
3
1
1
1
2
1
2
2
1
232
1
1
2
1
21
1
2
≈
π
=
π
=
π
=
π
••
•
•
••
•
••
•
••
•
Figure 7. Error Amplifier with Type I Compensation
Figure 8. Error Amplifier with Type III Compensation
1.22V
R1
R2
3441 F07
FB
12
VC
CP1
VOUT
11
–
+
ERROR
AMP
1.22V
R1
R2
3441 F08
FB
12
VC
CP1
CZ1
RZ
VOUT
11
CP2
–
+
ERROR
AMP
SW1
PVIN
VIN
SHDN/SS
MODE/SYNC
PGND
5
8
12
11
2
6
4
9
10
1
7
3
SW2
VOUT
FB
VC
GND
PGND
LTC3441
C1
10
μF
*1 = Burst Mode OPERATION
0 = FIXED FREQUENCY
C1: TAIYO YUDEN JMK212BJ106MG
C2: TAIYO YUDEN JMK325BJ476MM
L1: TOKO A916CY-4R7M
2.5V TO 4.2V
Li-Ion
*
R3 15k
5M
R1
348k
2.2k
C2
47
μF
VOUT
3.3V
1A
R2
200k
C4 220pF
220pF
3441 F09
L1
4.7
μH
Load Transient Response,
100mA to 1A
VOUT
100mV/DIV
1A
100mA
100
μs/DIV
3441 G01
Figure 9. Fast Transient Response Compensation for Step Load or Mode Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com