Electronic Components Datasheet Search
  English  ▼

X  

LTC3441 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3441
Description  High Current Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology LTC3441 Datasheet HTML 10Page - Linear Technology LTC3441 Datasheet HTML 11Page - Linear Technology LTC3441 Datasheet HTML 12Page - Linear Technology LTC3441 Datasheet HTML 13Page - Linear Technology LTC3441 Datasheet HTML 14Page - Linear Technology LTC3441 Datasheet HTML 15Page - Linear Technology LTC3441 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3441
16
3441fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT 0507 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1613
550mA (ISW) 1.4MHz High Efficiency Step-Up DC/DC Converter
VIN: 0.9V to 10V, VOUT(MAX): 34V, IQ: 3mA,
ISD: ≤ 1μA, ThinSOT
TM
LT1615/LT1615-1
300mA/80mA (ISW) Constant Off-Time, High Efficiency Step-Up
VIN: 1.2V to 15V, VOUT(MAX): 34V, IQ: 20μA,
DC/DC Converter
ISD: ≤ 1μA, ThinSOT
LT1616
500mA (IOUT) 1.4MHz High Efficiency Step-Down DC/DC Converter High Efficiency, VIN: 3.6V to 25V, VOUT(MIN): 1.25V, IQ: 1.9mA,
ISD: ≤ 1μA, ThinSOT
LTC1776
500mA (IOUT) 200kHz High Efficiency Step-Down DC/DC Converter
High Efficiency, VIN: 7.4V to 40V, VOUT(MIN): 1.24V, IQ: 3.2mA,
ISD: 30μA, N8, S8
LTC1877
600mA (IOUT) 550kHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 10V, VOUT(MIN): 0.8V, IQ: 10μA,
ISD: ≤ 1μA, MS8
LTC1878
600mA (IOUT) 550kHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN): 0.8V, IQ: 10μA,
ISD: ≤ 1μA, MS8
LTC1879
1.2A (IOUT) 550kHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 10V, VOUT(MIN): 0.8V, IQ: 15μA,
ISD: ≤ 1μA, TSSOP16
LT1930/LT1930A
1A (ISW) 1.2MHz/2.2MHz High Efficiency Step-Up DC/DC Converter VIN: 2.6V to 16V, VOUT(MAX): 34V, IQ: 5.5mA,
ISD: ≤ 1μA, ThinSOT
LTC3405/LTC3405A 300mA (IOUT) 1.5MHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN): 0.8V, IQ: 20μA,
ISD: ≤ 1μA, ThinSOT
LTC3406/LTC3406B 600mA (IOUT) 1.5MHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.6V, IQ: 20μA,
ISD: ≤ 1μA, ThinSOT
LTC3407
600mA (IOUT) ×2 1.5MHz Dual Synchronous Step-Down
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.6V, IQ: 40μA,
DC/DC Converter
ISD: ≤ 1μA, 10-Lead MS
LTC3411
1.25A (IOUT) 4MHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V, IQ: 60μA,
ISD: ≤ 1μA, 10-Lead MS
LTC3412
2.5A (IOUT) 4MHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V, IQ: 60μA,
ISD: ≤ 1μA, TSSOP16E
LTC3440
600mA (IOUT) 2MHz Synchronous Buck-Boost DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 2.5V, IQ: 25μA,
ISD: ≤ 1μA, 10-Lead MS
ThinSOT is a trademark of Linear Technology Corporation.
TYPICAL APPLICATIO
SW1
PVIN
VIN
SHDN/SS
MODE/SYNC
PGND
5
8
12
11
2
6
4
9
10
1
7
3
SW2
VOUT
FB
VC
GND
PGND
LTC3441
C1
10
μF
C1: TAIYO YUDEN JMK212BJ106MG
C2: SANYO MV-AX SERIES
L1: TOKO A916CY-4R7M
VIN
2.5V TO 5.5V
1A MAX
R6
24k
R4
1k
AVERAGE INPUT
CURRENT CONTROL
1N914
RS
0.05
Ω
R1
392k
COUT
2200
μF
VOUT
3.6V
2A (PULSED)
R2
200k
R5
24k
C4
10nF
3441 TA05
L1
10
μH
–
+
1/2 LT1490A
1.22 • R4
R5 • RS
ICURRENTLIMIT =
2N3906
–
+
1/2 LT1490A
PCMCIA Powered GSM Modem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com