Electronic Components Datasheet Search
  English  ▼

X  

LTC3446 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3446
Description  Monolithic Buck Regulator with Dual VLDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3446 Datasheet(HTML) 1 Page - Linear Technology

  LTC3446 Datasheet HTML 1Page - Linear Technology LTC3446 Datasheet HTML 2Page - Linear Technology LTC3446 Datasheet HTML 3Page - Linear Technology LTC3446 Datasheet HTML 4Page - Linear Technology LTC3446 Datasheet HTML 5Page - Linear Technology LTC3446 Datasheet HTML 6Page - Linear Technology LTC3446 Datasheet HTML 7Page - Linear Technology LTC3446 Datasheet HTML 8Page - Linear Technology LTC3446 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3446
1
3446fd
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Monolithic Buck Regulator
with Dual VLDO Regulators
The LTC®3446 combines a synchronous buck DC/DC con-
verter with two very low dropout (VLDO) linear regulators
to provide up to three stepped-down output voltages from
a single input voltage. The input voltage range is ideally
suited for Li-Ion battery-powered applications, as well
as powering low voltage logic from 5V or 3.3V rails. The
output voltage range extends down to 0.4V for the VLDO
regulators and 0.8V for the buck.
The 1A synchronous buck converter provides the main
output with high efficiency, typically 85%. The two 300mA
VLDO regulators can run off the main output to provide
two additional lower voltage outputs. A built-in supply
monitor provides a power good indication.
The buck converter switches at 2.25MHz, allowing the use
of small surface mount inductors and capacitors. Constant
frequency current mode operation produces controlled
output spectrum and fast transient response. A mode-
select pin allows automatic Burst Mode operation to be
enabled for higher efficiency at light load, or disabled for
lower noise operation down to very light loads. The two
VLDO regulators are stable with ceramic output capacitors
as small as 1μF.
Buck Efficiency vs Buck Load Current
n High Efficiency Triple Step-Down Outputs from a
Single Input Supply
n 1A Synchronous Buck Regulator Provides Main
Step-Down Output and Powers Two 300mA
VLDO™ Linear Regulators
n Output Voltages as Low as 400mV (VLDO Outputs)
n Power Good Output
n Input Voltage Range: 2.7V to 5.5V
n Independent Internal Soft-Start for Each Supply
n Independent Enable Pin for Each Supply
n Low (140μA Typ) No-Load Quiescent Current with
all Outputs Enabled
n Constant Frequency Current Mode Operation
n 2.25MHz Switching Frequency Uses Small
Inductors
n Defeatable Automatic Burst Mode® Operation for
High Efficiency at Light Loads
n ±1.5% Reference Accuracy
n Overtemperature Protection
n Thermally Enhanced 4mm × 3mm 14-Pin DFN
Package
n Low Power Handheld Devices
n Low Voltage and Multivoltage Power for Digital
Logic, I/O, FPGAs, CPLDs, ASICs and CPUs
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
VLDO is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents including 5481178, 6611131, 6304066,
6498466, 6580258.
VIN
59k
L1
1.8μH
47.5k
SW
BUCKFB
LVIN
LTC3446
GND
22μF
X7R
1000pF
DIGITAL
CONTROL
22μF
X7R
VOUT
1.8V
400mA MAX
110k
40.2k
2.2μF
X7R
VOUT
1.5V
300mA MAX
VIN
2.9V TO 5.5V
LVOUT1
PGOOD
MODESEL
ENBUCK
ENLDO1
ENLDO2
LVFB1
80.6k
40.2k
2.2μF
X7R
L1: TOKO A960AW-1R8M
3446 TA01
VOUT
1.2V
300mA MAX
LVOUT2
3.3k
ITH
LVFB2
LOAD CURRENT (mA)
1
40
50
60
70
80
100
10
100
3446 TA01b
1000
90
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Burst Mode
OPERATION
PWM
MODE


Similar Part No. - LTC3446

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3446 LINER-LTC3446 Datasheet
248Kb / 20P
Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446 Datasheet
288Kb / 20P
Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446EDE LINER-LTC3446EDE Datasheet
248Kb / 20P
Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446IDE LINER-LTC3446IDE Datasheet
248Kb / 20P
Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446_15 Datasheet
288Kb / 20P
Monolithic Buck Regulator with Dual VLDO Regulators
More results

Similar Description - LTC3446

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-1 LINER-LTC3541-1 Datasheet
378Kb / 20P
High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2 Datasheet
336Kb / 20P
High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3 Datasheet
400Kb / 20P
High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541 Datasheet
367Kb / 20P
High Efficiency Buck VLDO Regulator
LTC3446EDE LINER-LTC3446EDE Datasheet
248Kb / 20P
Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446_15 Datasheet
288Kb / 20P
Monolithic Buck Regulator with Dual VLDO Regulators
LTC3541 LINER-LTC3541_15 Datasheet
391Kb / 20P
High Efficiency Buck VLDO Regulator
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3_15 Datasheet
423Kb / 20P
High Efficiency Buck VLDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com