Electronic Components Datasheet Search
  English  ▼

X  

LTC3446 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3446
Description  Monolithic Buck Regulator with Dual VLDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3446 Datasheet(HTML) 3 Page - Linear Technology

  LTC3446 Datasheet HTML 1Page - Linear Technology LTC3446 Datasheet HTML 2Page - Linear Technology LTC3446 Datasheet HTML 3Page - Linear Technology LTC3446 Datasheet HTML 4Page - Linear Technology LTC3446 Datasheet HTML 5Page - Linear Technology LTC3446 Datasheet HTML 6Page - Linear Technology LTC3446 Datasheet HTML 7Page - Linear Technology LTC3446 Datasheet HTML 8Page - Linear Technology LTC3446 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3446
3
3446fd
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPG(THRESH) PGOOD Threshold (Note 8)
●
810
%
RPGOOD
PGOOD Output Resistance
PGOOD Low, Sinking 1mA
●
87
120
Ω
IPGOOD
PGOOD Hi-Z Leakage Current
VPGOOD = 6V
●
1μA
Synchronous Buck Converter
IBUCKFB
Feedback Current
(Note 5)
●
±30
nA
VBUCKFB
Regulated Feedback Voltage
(Note 5)
●
0.788
0.800
0.812
V
ΔVBUCKFB
Feedback Voltage Line Regulation
VIN = 2.7V to 5.5V (Note 5)
●
0.3
0.5
mV/V
IMAXP
Maximum Peak Inductor Current
VBUCKFB = 0V, Duty Cycle < 35%
1.2
1.55
2.0
A
IMAXN
NMOS Overcurrent Limit
1.8
A
Feedback Voltage Load Regulation
(with Respect to VITH)
VITH = 0.5V to 1V, VMODESEL = VIN (Note 5)
0.5
mV/V
fOSC
Oscillator Frequency
●
1.8
2.25
2.7
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 500mA
0.13
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = –500mA
0.14
Ω
ILSW
SW Leakage
VENBUCK = 0V, VSW = 0V or 5.5V, VIN = 5.5V
±1
μA
VENBUCK
Buck Enable Pin Threshold
●
0.3
0.65
1
V
IENBUCK
Buck Enable Pin Leakage Current
VENBUCK = 5.5V, All Other Pins Grounded
●
1μA
VMODESEL
Mode Select Pin Threshold
●
0.3
0.65
1
V
IMODESEL
Mode Select Pin Leakage Current
VMODESEL = 5.5V, All Other Pins Grounded
●
1μA
gm
Error Amplifier Transconductance
VITH = 0.6V
450
700
950
μA/V
Each VLDO: VIN = 3.6V, VLVIN = 1.5V, VLVOUT = 1.2V, Unless Otherwise Specified
VLVIN
LVIN Pin Operating Voltage
(Note 6)
●
0.9
5.5
V
ILVIN
LVIN Pin Operating Current
IOUT = 10μA
●
320
μA
LVIN Shutdown Current
VENLDO = 0V
1.5
2
μA
VLVFB
Feedback Pin Regulation Voltage (Note 7)
1mA ≤ IOUT ≤ 300mA, 1.5V ≤ VLVIN ≤ 5.5V
●
0.395
0.392
0.400
0.400
0.405
0.408
V
V
ILVFB
Feedback Pin Input Current
VLVFB at Regulation
●
2
±10
nA
ILVOUT(MAX) Continuous Output Current
●
300
mA
Short-Circuit Output Current
760
mA
VENLDOx
LDO Enable Pin Threshold
●
0.3
0.65
1
V
IENLDOx
LDO Enable Pin Leakage Current
VENLDOx = 5.5V, All Other Pins Grounded
●
1μA
Output Voltage Load Regulation
(Referred to the LVFB Pin)
ΔIOUT = 1mA to 300mA
– 1
mV/A
LVFB Line Regulation (with Respect to
the LVIN Pin)
VLVIN = 1.5V to 5.5V, VIN = 3.6V, VLVOUT = 1.2V,
IOUT = 1mA
7.5
μV/V
LVFB Line Regulation (with Respect to
the VIN Pin)
VLVIN = 1.5V, VIN = 2.7V to 5.5V, VLVOUT = 1.2V,
IOUT = 1mA
0.44
mV/V
VDO
LVIN – LVOUT Dropout Voltage
VIN = 2.8V, VLVIN = 1.5V, VLVFB = 0.37V,
IOUT = 300mA (Note 9)
68
175
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com