Electronic Components Datasheet Search
  English  ▼

X  

LTC3446 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3446
Description  Monolithic Buck Regulator with Dual VLDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3446 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3446 Datasheet HTML 12Page - Linear Technology LTC3446 Datasheet HTML 13Page - Linear Technology LTC3446 Datasheet HTML 14Page - Linear Technology LTC3446 Datasheet HTML 15Page - Linear Technology LTC3446 Datasheet HTML 16Page - Linear Technology LTC3446 Datasheet HTML 17Page - Linear Technology LTC3446 Datasheet HTML 18Page - Linear Technology LTC3446 Datasheet HTML 19Page - Linear Technology LTC3446 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3446
18
3446fd
APPLICATIONS INFORMATION
in more stable characteristics and are usually more suit-
able for use as the output capacitor. The X7R type has
better stability across temperature, while the X5R is less
expensive and is available in higher values. In all cases,
the output capacitance should never drop below 0.4μF, or
instability or degraded performance may occur.
VLDO Output Short-Circuit Protection
The VLDO regulators have built-in short-circuit limiting.
During short-circuit conditions, internal circuitry automati-
cally limits the output current to approximately 760mA.
VLDO Regulator Soft-Start
Each VLDO regulator includes a soft-start feature to
prevent excessive current flow during start-up. When
the VLDO regulator is enabled, the soft-start circuitry
gradually increases the VLDO regulator reference voltage
from 0V to 0.4V over a period of about 600μs. There is a
short 700μs delay from the time the part is enabled until
the LDO output starts to rise. Figure 5 shows the start-up
output waveform.
Figure 3. Ceramic Capacitor DC Bias Characteristics
Figure 4. Ceramic Capacitor Temperature Characteristics
Figure 5. VLDO Regulator Output Start-Up
DC BIAS VOLTAGE (V)
3446 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
X5R
Y5V
BOTH CAPACITORS ARE 1μF,
10V, 0603 CASE SIZE
TEMPERATURE (°C)
–50
–100
–80
–60
–40
–20
X5R
Y5V
20
–25
025
50
3446 F04
75
0
BOTH CAPACITORS ARE 1μF,
10V, 0603 CASE SIZE
1.5V VLDO OUTPUT
1.2V VLDO OUTPUT
0.5V/DIV
BOTH VLDO
ENABLES
5V/DIV
VLVIN = 1.8V
VIN = 3.6V
FRONT PAGE APPLICATION CIRCUIT
WITH 10mA RESISTOR LOADS ON
EACH VLDO OUTPUT
200μs/DIV
3446 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com