Electronic Components Datasheet Search
  English  ▼

X  

LTC3446 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3446
Description  Monolithic Buck Regulator with Dual VLDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3446 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3446 Datasheet HTML 2Page - Linear Technology LTC3446 Datasheet HTML 3Page - Linear Technology LTC3446 Datasheet HTML 4Page - Linear Technology LTC3446 Datasheet HTML 5Page - Linear Technology LTC3446 Datasheet HTML 6Page - Linear Technology LTC3446 Datasheet HTML 7Page - Linear Technology LTC3446 Datasheet HTML 8Page - Linear Technology LTC3446 Datasheet HTML 9Page - Linear Technology LTC3446 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3446
6
3446fd
TYPICAL PERFORMANCE CHARACTERISTICS
Peak Inductor Current
vs ITH Voltage
VLDO Current Limit
vs LVIN Voltage
VLDO Dropout Voltage
vs Load Current
VIN Bias Current
vs VLDO Load Current
LVIN No-Load Operating Current
Enable/MODESEL Thresholds
ITH PIN VOLTAGE (V)
0
0.8
1.2
2
3446 G07
0.4
0
0.5
1
1.5
0.25
0.75
1.25
1.75
1.6
VIN = 3.6V
VMODESEL = 3.6V
0.6
1.0
0.2
1.4
LVIN PIN VOLTAGE (V)
0.00
0
200
600
800
1000
4.00
1800
3446 G08
400
2.00
1.00
5.00
3.00
6.00
1200
1400
1600
VIN = 3.6V
LVOUT = 0V
PULSED MEASUREMENT,
TJ ≈ TA ≈ 27°C
LOAD CURRENT (mA)
0
0
20
40
60
50
100
150
200
3446 G09
250
80
100
10
30
50
70
90
300
–45°C
27°C
90°C
130°C
VIN = 2.8V
LVOUT = 1.2V
VLDO OUTPUT CURRENT (mA)
0
0
50
150
200
250
200
450
3446 G10
100
100
50
250
150
300
300
350
400
–45°C
27°C
90°C
130°C
VIN = 3.6V
LVIN = 1.5V
LVOUT = 1.2V
ONLY ONE VLDO
ENABLED
LVIN PIN VOLTAGE (V)
0
0
4
8
12
1
2
34
3446 G11
5
16
20
2
6
10
14
18
6
VIN = 5V
BOTH VLDOS ON AND
REGULATING 0.8V
–45°C
27°C
90°C
130°C
VIN (V)
2.5
0
200
400
600
3
3.5
4
4.5
3446 G12
5
800
1000
100
300
500
700
900
5.5
–45°C
27°C
90°C
130°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com