Electronic Components Datasheet Search
  English  ▼

X  

LTC3556 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3556
Description  High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3556 Datasheet HTML 10Page - Linear Technology LTC3556 Datasheet HTML 11Page - Linear Technology LTC3556 Datasheet HTML 12Page - Linear Technology LTC3556 Datasheet HTML 13Page - Linear Technology LTC3556 Datasheet HTML 14Page - Linear Technology LTC3556 Datasheet HTML 15Page - Linear Technology LTC3556 Datasheet HTML 16Page - Linear Technology LTC3556 Datasheet HTML 17Page - Linear Technology LTC3556 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC3556
14
3556f
OPERATION
TIMING DIAGRAM
tSU, DAT
tHD, STA
tHD, DAT
SDA
SCL
tSU, STA
tHD, STA
tSU, STO
3556 TD
tBUF
tLOW
tHIGH
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
START
CONDITION
tr
tf
tSP
ACK
ACK
123
ADDRESS
WR
456789
123456789
123456789
00
0
1
0
0
1
0
0
0
010010
A7
A6
A5
A4
A3
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
ACK
STOP
START
SDA
SCL
DATA BYTE A
DATA BYTE B
I2C Timing Diagram
Introduction
The LTC3556 is a highly integrated power management IC
which includes a high efficiency switch mode PowerPath
controller, a battery charger, an ideal diode, an always-on
LDO, two 400mA buck switching regulators and a 1A buck-
boost switching regulator. The entire chip is controllable
via an I2C serial port.
Designed specifically for USB applications, the PowerPath
controller incorporates a precision average input current
step-down switching regulator to make maximum use of
the allowable USB power. Because power is conserved,
the LTC3556 allows the load current on VOUT to exceed
the current drawn by the USB port without exceeding the
USB load specifications.
The PowerPath switching regulator and battery charger
communicate to ensure that the input current never violates
the USB specifications.
The ideal diode from BAT to VOUT guarantees that ample
power is always available to VOUT even if there is insuf-
ficient or absent power at VBUS.
An “always-on” LDO provides a regulated 3.3V from avail-
able power at VOUT. Drawing very little quiescent current,
this LDO will be on at all times and can be used to supply
up to 25mA.
The three switching regulators can be enabled together
in any desired sequence via the ENALL and SEQ pins
or can be independently enabled via the I2C serial port.
Under I2C control, one of the 400mA bucks and the 1A
buck-boost have adjustable set-points so that voltages
can be reduced when high processor performance is not
needed. Along with constant frequency PWM mode, all
three switching regulators have a low power burst-only
mode setting for significantly reduced quiescent current
under light load conditions. Additionally, the 400mA bucks
can be configured for automatic Burst Mode operation or
LDO mode.
High Efficiency Switching PowerPath Controller
Whenever VBUS is available and the PowerPath switch-
ing regulator is enabled, power is delivered from VBUS to
VOUT via SW. VOUT drives the combination of the external
load (including switching regulators 1, 2 and 3) and the
battery charger.
IfthecombinedloaddoesnotexceedthePowerPathswitching
regulator’s programmed input current limit, VOUT will track
0.3V above the battery (Bat-Track). By keeping the voltage
acrossthebatterychargerlow,efficiencyisoptimizedbecause
power lost to the linear battery charger is minimized. Power
available to the external load is therefore optimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com