Electronic Components Datasheet Search
  English  ▼

X  

LTC3556 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3556
Description  High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556 Datasheet(HTML) 4 Page - Linear Technology

  LTC3556 Datasheet HTML 1Page - Linear Technology LTC3556 Datasheet HTML 2Page - Linear Technology LTC3556 Datasheet HTML 3Page - Linear Technology LTC3556 Datasheet HTML 4Page - Linear Technology LTC3556 Datasheet HTML 5Page - Linear Technology LTC3556 Datasheet HTML 6Page - Linear Technology LTC3556 Datasheet HTML 7Page - Linear Technology LTC3556 Datasheet HTML 8Page - Linear Technology LTC3556 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3556
4
3556f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VIN1 = VIN2 = VIN3 = VOUT3 = 3.8V, BAT = 3.8V, DVCC = 3.3V,
RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NTC
VCOLD
Cold Temperature Fault Threshold
Voltage
Rising Threshold
Hysteresis
75.0
76.5
1.5
78.0
%VBUS
%VBUS
VHOT
Hot Temperature Fault Threshold
Voltage
Falling Threshold
Hysteresis
33.4
34.9
1.5
36.4
%VBUS
%VBUS
VDIS
NTC Disable Threshold Voltage
Falling Threshold
Hysteresis
0.7
1.7
50
2.7
%VBUS
mV
INTC
NTC Leakage Current
VNTC = VBUS = 5V
–50
50
nA
Ideal Diode
VFWD
Forward Voltage
VBUS = 0V, IOUT = 10mA
IOUT = 10mA
2
15
mV
mV
RDROPOUT
Internal Diode On-Resistance, Dropout VBUS = 0V
0.18
Ω
IMAX_DIODE
Internal Diode Current Limit
1.6
A
Always On 3.3V Supply
VLDO3V3
Regulated Output Voltage
0mA < ILDO3V3 < 25mA
3.1
3.3
3.5
V
RCL_LDO3V3
Closed-Loop Output Resistance
4
Ω
ROL_LDO3V3
Dropout Output Resistance
23
Ω
Logic (ENALL, PGOODALL)
VIL
Logic Low Input Voltage
ENALL Pin
0.4
V
VIH
Logic High Input Voltage
ENALL Pin
1.2
V
RPD
Pull-Down Resistance
ENALL Pin
4.5
MΩ
VOL
Logic Low Output Voltage
PGOODALL Pin, IPULL-UP = 5mA
0.07
0.2
V
IOH
Logic High Leakage Current
PGOODALL Pin, VPGOODALL = 5V
1
μA
tPGOODALL
PGOODALL Assertion Delay
230
ms
I2C Port (Note 9)
DVCC
Input Supply Voltage
1.6
5.5
V
IDVCC
DVCC Current
SCL/SDA = 0kHz
0.3
1
μA
VDVCC_UVLO
DVCC UVLO
1.0
V
ADDRESS
I2C Address
0001 001[0]
VIH SDA, SCL
VIL SDA, SCL
Input High Voltage
Input Low Voltage
70
30
%DVCC
%DVCC
IIH, IIL SDA, SCL
Input High/Low Current
–1
0
1
μA
VOL SDA
SDA Output Low Voltage
ISDA = 3mA
0.4
V
fSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start
Condition
1.3
μs
tHD_STA
Hold Time After (Repeated) Start
Condition
0.6
μs
tSU_STA
Repeated Start Condition Setup Time
0.6
μs
tSU_STO
Stop Condition Setup Time
0.6
μs
tHD_DAT(O)
Data Hold Time Output
0
900
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com