Electronic Components Datasheet Search
  English  ▼

X  

LTC3556 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3556
Description  High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556 Datasheet(HTML) 3 Page - Linear Technology

  LTC3556 Datasheet HTML 1Page - Linear Technology LTC3556 Datasheet HTML 2Page - Linear Technology LTC3556 Datasheet HTML 3Page - Linear Technology LTC3556 Datasheet HTML 4Page - Linear Technology LTC3556 Datasheet HTML 5Page - Linear Technology LTC3556 Datasheet HTML 6Page - Linear Technology LTC3556 Datasheet HTML 7Page - Linear Technology LTC3556 Datasheet HTML 8Page - Linear Technology LTC3556 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC3556
3
3556f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT(POWERPATH)
VOUT Current Available Before Loading
BAT
1x Mode, BAT = 3.3V
5x Mode, BAT = 3.3V
10x Mode, BAT = 3.3V
Suspend Mode
135
672
1251
0.32
mA
mA
mA
mA
VCLPROG
CLPROG Servo Voltage in Current
Limit
1x, 5x, 10x Modes
Suspend Mode
1.188
100
V
mV
VUVLO_VBUS
VBUS Undervoltage Lockout
Rising Threshold
Falling Threshold
3.95
4.30
4.00
4.35
V
V
VUVLO_VBUS-BAT
VBUS to BAT Differential Undervoltage
Lockout
Rising Threshold
Falling Threshold
200
50
mV
mV
VOUT
VOUT Voltage
1x, 5x, 10x Modes, 0V < BAT < 4.2V,
IOUT = 0mA, Battery Charger Off
3.4
BAT +
0.3
4.7
V
USB Suspend Mode, IOUT = 250μA
4.5
4.6
4.7
V
fOSC
Switching Frequency
l
1.8
2.25
2.7
MHz
RPMOS_POWERPATH PMOS On-Resistance
0.18
Ω
RNMOS_POWERPATH NMOS On-Resistance
0.30
Ω
IPEAK_POWERPATH
Peak Switch Current Limit
1x, 5x Modes
10x Mode
2
3
A
A
Battery Charger
VFLOAT
BAT Regulated Output Voltage
l
4.179
4.165
4.200
4.200
4.221
4.235
V
V
ICHG
Constant Current Mode Charge
Current
RPROG = 5k
980
185
1022
204
1065
223
mA
mA
IBAT
Battery Drain Current
VBUS > VUVLO, Battery Charger Off, IOUT = 0μA
VBUS = 0V, IOUT = 0μA (Ideal Diode Mode)
2
3.5
27
5
38
μA
μA
VPROG
PROG Pin Servo Voltage
1.000
V
VPROG_TRKL
PROG Pin Servo Voltage in Trickle
Charge
BAT < VTRKL
0.100
V
VC/10
C/10 Threshold Voltage at PROG
100
mV
hPROG
Ratio of IBAT to PROG Pin Current
1022
mA/mA
ITRKL
Trickle Charge Current
BAT < VTRKL
100
mA
VTRKL
Trickle Charge Threshold Voltage
BAT Rising
2.7
2.85
3.0
V
ΔVTRKL
Trickle Charge Hysteresis Voltage
135
mV
VRECHRG
Recharge Battery Threshold Voltage
Threshold Voltage Relative to VFLOAT
–75
–100
–125
mV
tTERM
Safety Timer Termination
Timer Starts When BAT = VFLOAT
3.3
4
5
Hour
tBADBAT
Bad Battery Termination Time
BAT < VTRKL
0.42
0.5
0.63
Hour
hC/10
End of Charge Indication Current Ratio (Note 5)
0.088
0.1
0.112
mA/mA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
65
100
mV
ICHRG
CHRG Pin Leakage Current
VCHRG = 5V
1
μA
RON_CHG
Battery Charger Power FET
On-Resistance (Between VOUT and BAT)
0.18
Ω
TLIM
Junction Temperature in Constant
Temperature Mode
110
°C
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VIN1 = VIN2 = VIN3 = VOUT3 = 3.8V, BAT = 3.8V, DVCC = 3.3V,
RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com