Electronic Components Datasheet Search
  English  ▼

X  

LTC3556 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3556
Description  High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3556 Datasheet HTML 2Page - Linear Technology LTC3556 Datasheet HTML 3Page - Linear Technology LTC3556 Datasheet HTML 4Page - Linear Technology LTC3556 Datasheet HTML 5Page - Linear Technology LTC3556 Datasheet HTML 6Page - Linear Technology LTC3556 Datasheet HTML 7Page - Linear Technology LTC3556 Datasheet HTML 8Page - Linear Technology LTC3556 Datasheet HTML 9Page - Linear Technology LTC3556 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3556
6
3556f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VIN1 = VIN2 = VIN3 = VOUT3 = 3.8V, BAT = 3.8V, DVCC = 3.3V,
RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB2
VFB2 Servo Voltage
(Note 7)
l
0.780
0.800
0.820
V
RP2
PMOS RDS(ON)
0.6
Ω
RN2
NMOS RDS(ON)
0.7
Ω
RLDO_CL2
LDO Mode Closed-Loop ROUT
0.25
Ω
RLDO_OL2
LDO Mode Open-Loop ROUT
(Note 8)
2.5
Ω
IFB2
FB2 Input Current
VFB2 = 0.85V
–50
50
nA
D2
Maximum Duty Cycle
l
100
%
RSW2
SW2 Pull-Down in Shutdown
10
kΩ
Switching Regulator 3 (Buck-Boost)
IVIN3
Input Current
PWM Mode, IOUT3 = 0μA
Burst Mode Operation, IOUT3 = 0μA
Shutdown
220
13
0
400
20
1
μA
μA
μA
VOUT3(LOW)
Minimum Regulated Output Voltage
For Burst Mode Operation or Synchronous
PWM Operation
2.65
2.75
V
VOUT3(HIGH)
Maximum Regulated Output Voltage
5.50
5.60
V
ILIMF3
Forward Current Limit (Switch A)
PWM Mode
l
2
2.5
3
A
IPEAK3(BURST)
Forward Burst Current Limit (Switch A) Burst Mode Operation
l
200
275
350
mA
IZERO3(BURST)
Reverse Burst Current Limit (Switch D) Burst Mode Operation
l
–30
0
30
mA
IMAX3(BURST)
Maximum Deliverable Output Current
in Burst Mode Operation
2.7V ≤ VIN3 ≤ 5.5V, 2.75V ≤ VOUT3 ≤ 5.5V
(Note 9)
50
mA
VFBHIGH3
Maximum Servo Voltage
Full Scale (1, 1, 1, 1)
l
0.780
0.800
0.820
V
VFBLOW3
Minimum Servo Voltage
Zero Scale (0, 0, 0, 0)
l
0.405
0.425
0.445
V
VLSB3
VFB3 Servo Voltage Step Size
25
mV
IFB3
FB3 Input Current
VFB3 = 0.8V
–50
50
nA
RDS(ON)P
PMOS RDS(ON)
Switches A, D
0.22
Ω
RDS(ON)N
NMOS RDS(ON)
Switches B, C
0.17
Ω
ILEAK(P)
PMOS Switch Leakage
Switches A, D
–1
1
μA
ILEAK(N)
NMOS Switch Leakage
Switches B, C
–1
1
μA
RVOUT3
VOUT3 Pull-Down in Shutdown
10
kΩ
DBUCK(MAX)
Maximum Buck Duty Cycle
PWM Mode
l
100
%
DBOOST(MAX)
Maximum Boost Duty Cycle
PWM Mode
75
%
tSS3
Soft-Start Time
0.5
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3556E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The LTC3556E includes overtemperature protection that is
intended to protect the device during momentary overload conditions.
Junction temperature will exceed 125°C when overtemperature protection
is active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 4: Total input current is the sum of quiescent current, IVBUSQ, and
measured current given by:
VCLPROG/RCLPROG • (hCLPROG +1)
Note 5: hC/10 is expressed as a fraction of measured full charge current
with indicated PROG resistor.
Note 6: FBx above regulation such that regulator is in sleep. Specification
does not include resistive divider current reflected back to VINx.
Note 7: Applies to Pulse Skip, Burst Mode operation and Forced Burst
Mode operation only.
Note 8: Inductor series resistance adds to open-loop ROUT.
Note 9: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com