Electronic Components Datasheet Search
  English  ▼

X  

LTC3556 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3556
Description  High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556 Datasheet(HTML) 2 Page - Linear Technology

  LTC3556 Datasheet HTML 1Page - Linear Technology LTC3556 Datasheet HTML 2Page - Linear Technology LTC3556 Datasheet HTML 3Page - Linear Technology LTC3556 Datasheet HTML 4Page - Linear Technology LTC3556 Datasheet HTML 5Page - Linear Technology LTC3556 Datasheet HTML 6Page - Linear Technology LTC3556 Datasheet HTML 7Page - Linear Technology LTC3556 Datasheet HTML 8Page - Linear Technology LTC3556 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3556
2
3556f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VBUS (Transient) t < 1ms, Duty Cycle < 1%.. –0.3V to 7V
VIN1, VIN2, VIN3, VBUS (Static), DVCC,
FB1, FB2, NTC, BAT, ENALL, SCL, SDA,
PGOODALL, CHRG....................................... –0.3V to 6V
SEQ....................–0.3V to Lesser of 6V or (VOUT + 0.3V)
FB3, VC3..............–0.3V to Lesser of 6V or (VIN3 + 0.3V)
ICLPROG ....................................................................3mA
IPGOODALL, ICHRG ....................................................50mA
IPROG........................................................................2mA
ILDO3V3...................................................................30mA
ISW1, ISW2 ............................................................600mA
ISW, IBAT, IVOUT.............................................................2A
ISWAB3, ISWCD3, IVOUT3.............................................2.5A
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
9
10
TOP VIEW
29
UFD PACKAGE
28-LEAD (4mm
5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
LDO3V3
CLPROG
NTC
SW1
VIN1
FB1
FB3
VC3
GATE
CHRG
PROG
SW2
VIN2
FB2
SDA
PGOODALL
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VIN1 = VIN2 = VIN3 = VOUT3 = 3.8V, BAT = 3.8V, DVCC = 3.3V,
RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3556EUFD#PBF
LTC3556EUFD#TRPBF
3556
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PowerPath Switching Regulator
VBUS
Input Supply Voltage
4.35
5.5
V
IBUSLIM
Total Input Current
1x Mode, VOUT = BAT
5x Mode, VOUT = BAT
10x Mode, VOUT = BAT
Suspend Mode, VOUT = BAT
l
l
l
l
87
436
800
0.31
95
460
860
0.38
100
500
1000
0.50
mA
mA
mA
mA
IVBUSQ
VBUS Quiescent Current
1x Mode, IOUT = 0mA
5x Mode, IOUT = 0mA
10x Mode, IOUT = 0mA
Suspend Mode, IOUT = 0mA
7
15
15
0.044
mA
mA
mA
mA
hCLPROG (Note 4)
Ratio of Measured VBUS Current to
CLPROG Program Current
1x Mode
5x Mode
10x Mode
Suspend Mode
224
1133
2140
11.3
mA/mA
mA/mA
mA/mA
mA/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com