Electronic Components Datasheet Search
  English  ▼

X  

LTC3561 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3561
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561 Datasheet(HTML) 1 Page - Linear Technology

  LTC3561 Datasheet HTML 1Page - Linear Technology LTC3561 Datasheet HTML 2Page - Linear Technology LTC3561 Datasheet HTML 3Page - Linear Technology LTC3561 Datasheet HTML 4Page - Linear Technology LTC3561 Datasheet HTML 5Page - Linear Technology LTC3561 Datasheet HTML 6Page - Linear Technology LTC3561 Datasheet HTML 7Page - Linear Technology LTC3561 Datasheet HTML 8Page - Linear Technology LTC3561 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3561
1
3561f
The LTC
®3561 is a constant-frequency, synchronous,
step-down DC/DC converter. Intended for medium power
applications, it operates from a 2.63V to 5.5V input voltage
range and has a user configurable operating frequency up
to 4MHz, allowing the use of tiny, low cost capacitors and
inductors 2mm or less in height. The output voltage is
adjustable from 0.8V to 5V. Internal synchronous 0.11
Ω
power switches with 1.4A peak current ratings provide
high efficiency. The LTC3561’s current mode architecture
and external compensation allow the transient response
to be optimized over a wide range of loads and output
capacitors.
To further maximize battery life, the P-channel MOSFET is
turned on continuously in dropout (100% duty cycle). The
no-load quiescent current is only 240
µA. In shutdown, the
device draws <1
µA.
■ Wireless LAN Power
■ Notebook Computers
■ Digital Cameras
■ Cellular Phones
■ Board Mounted Power Supplies
■ Uses Tiny Capacitors and Inductor
■
High Frequency Operation: Up to 4MHz
■ High Switch Current: 1.4A
■ Low RDS(ON) Internal Switches: 0.110Ω
■
High Efficiency: Up to 95%
■ VIN: 2.63V to 5.5V
■ Stable with Ceramic Capacitors
■
Current Mode Operation for Excellent Line
and Load Transient Response
■ Short-Circuit Protected
■
Low Dropout Operation: 100% Duty Cycle
■ Low Shutdown Current: IQ ≤ 1µA
■ Low Quiescent Current: 240
µA
■
Output Voltages from 0.8V to 5V
■ Low Noise Pulse-Skipping Operation
■ Small 8-Pin DFN Package
1A, 4MHz, Synchronous
Step-Down DC/DC Converter
Efficiency and Power Loss vs Load Current
Step-Down 2.5V/1A Regulator
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
LOAD CURRENT (mA)
10
50
75
70
65
60
55
100
95
90
85
80
1
10
1000
100
100
1000
3561 TA01
POWER LOSS
EFFICIENCY
VIN = 3.3V
VOUT = 2.5V
fO = 1MHz
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 5481178, 6127815, 6304066, 6498466, 6580258, 6611131.
LTC3561
PVIN
SW
SVIN
ITH
SHDN/RT
PGND
SGND
VFB
2.2
µH
VOUT
2.5V/1A
VIN
2.63V TO 5.5V
887k
412k
1000pF
3561 F01
22
µF
13k
22
µF
324k
NOTE: IN DROPOUT, THE OUTPUT TRACKS
THE INPUT VOLTAGE.


Similar Part No. - LTC3561

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561 LINER-LTC3561 Datasheet
238Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561AEDD-PBF LINER-LTC3561AEDD-PBF Datasheet
295Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561AEDD-TRPBF LINER-LTC3561AEDD-TRPBF Datasheet
295Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561AIDD-PBF LINER-LTC3561AIDD-PBF Datasheet
295Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3561

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565 Datasheet
599Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com