Electronic Components Datasheet Search
  English  ▼

X  

LTC3561 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3561
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561 Datasheet(HTML) 2 Page - Linear Technology

  LTC3561 Datasheet HTML 1Page - Linear Technology LTC3561 Datasheet HTML 2Page - Linear Technology LTC3561 Datasheet HTML 3Page - Linear Technology LTC3561 Datasheet HTML 4Page - Linear Technology LTC3561 Datasheet HTML 5Page - Linear Technology LTC3561 Datasheet HTML 6Page - Linear Technology LTC3561 Datasheet HTML 7Page - Linear Technology LTC3561 Datasheet HTML 8Page - Linear Technology LTC3561 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3561
2
3561f
PVIN, SVIN Voltages .....................................– 0.3V to 6V
VFB, SHDN/RT Voltages ................ – 0.3V to (VIN + 0.3V)
ITH Voltage ................................................–0.3V to 1.4V
SW Voltage ................................... – 0.3V to (VIN + 0.3V)
Operating Ambient Temperature Range
(Note 2) .................................................. – 40
°C to 85°C
Junction Temperature (Notes 5, 8) ....................... 125
°C
Storage Temperature Range ................. – 65
°C to 125°C
ABSOLUTE
AXI U
RATI GS
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, RT = 324k unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
2.625
5.5
V
IFB
Feedback Pin Input Current
(Note 3)
±0.1
µA
VFB
Feedback Voltage
(Note 3)
●
0.784
0.8
0.816
V
∆VLINEREG
Reference Voltage Line Regulation
VIN = 2.7V to 5V
0.04
0.2
%/V
∆VLOADREG
Output Voltage Load Regulation
ITH = 0.36, (Note 3)
●
0.02
0.2
%
ITH = 0.84, (Note 3)
●
– 0.02
– 0.2
%
gm(EA)
Error Amplifier Transconductance
ITH Pin Load = ±5µA (Note 3)
800
µS
IS
Input DC Supply Current (Note 4)
Active Mode
VFB = 0.75V
240
350
µA
Shutdown
VSHDN/RT = 3.3V
0.1
1
µA
VSHDN/RT
Shutdown Threshold High
VIN – 0.6 VIN – 0.4
V
Active Oscillator Resistor
324k
1M
Ω
fOSC
Oscillator Frequency
RT = 324k
0.85
1
1.15
MHz
(Note 7)
4
MHz
ILIM
Peak Switch Current Limit
ITH = 1.3
1.4
1.7
A
RDS(ON)
Top Switch On-Resistance (Note 6)
VIN = 3.3V
0.11
0.15
Ω
Bottom Switch On-Resistance (Note 6)
VIN = 3.3V
0.11
0.15
Ω
ISW(LKG)
Switch Leakage Current
VIN = 6V, VITH/RUN = 0V, VFB = 0V
0.01
1
µA
VUVLO
Undervoltage Lockout Threshold
VIN Ramping Down
2.375
2.5
2.625
V
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 9) MUST BE SOLDERED TO GROUND
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
9
3
2
1
SHDN/RT
SGND
SW
PGND
ITH
VFB
SVIN
PVIN
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. No pin shall exceed 6V.
Note 2: The LTC3561E is guaranteed to meet specified performance from
0
°C to 85°C. Specifications over the –40°C to 85°C operating ambient
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The LTC3561 is tested in a feedback loop which servos VFB to the
midpoint for the error amplifier (VITH = 0.6V).
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
DD PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3561EDD
LCJJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com