Electronic Components Datasheet Search
  English  ▼

X  

LTC3561 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3561
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561 Datasheet(HTML) 3 Page - Linear Technology

  LTC3561 Datasheet HTML 1Page - Linear Technology LTC3561 Datasheet HTML 2Page - Linear Technology LTC3561 Datasheet HTML 3Page - Linear Technology LTC3561 Datasheet HTML 4Page - Linear Technology LTC3561 Datasheet HTML 5Page - Linear Technology LTC3561 Datasheet HTML 6Page - Linear Technology LTC3561 Datasheet HTML 7Page - Linear Technology LTC3561 Datasheet HTML 8Page - Linear Technology LTC3561 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3561
3
3561f
ELECTRICAL CHARACTERISTICS
Note 5: TJ is calculated from the ambient TA and power dissipation PD
according to the following formula:
LTC3561EDD: TJ = TA + (PD • 43°C/W)
Note 6: Switch on-resistance is guaranteed by correlation to wafer level
measurements.
Note 7: 4MHz operation is guaranteed by design but not production tested
and is subject to duty cycle limitations (see Applications Information).
TYPICAL PERFOR A CE CHARACTERISTICS
Switching Waveforms
VIN = 3.3V
2
µs/DIV
3561 G02.eps
VOUT = 2.5V
ILOAD = 50mA
CIRCUIT OF FIGURE 6
VOUT
10mV/
DIV
IL1
100mA/
DIV
2.5
3.5
4.5
5.5
3.0
4.0
5.0
6.0
VIN (V)
100
95
90
85
80
75
70
65
60
3561 G05
IOUT = 0.4A
IOUT = 1.0A
VOUT = 2.5V
CIRCUIT OF FIGURE 6
Efficiency vs VIN
Load Step
VIN = 3.3V
40
µs/DIV
3561 G06.eps
VOUT = 2.5V
ILOAD = 0.20A TO 1A
CIRCUIT OF FIGURE 6
VOUT
100mV/
DIV
IL1
0.4A/
DIV
2
3
4
5
6
VIN (V)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
3561 G08
VOUT = 1.8V
TA = 25°C
IOUT = 1.0A
IOUT = 400mA
2
3
4
5
6
VIN (V)
10
8
6
4
2
0
–2
–4
–6
–8
–10
3561 G09
VOUT = 1.8V
IOUT = 1A
TA = 25°C
Load Regulation
Line Regulation
Frequency vs VIN
1
10
100
1000
10000
LOAD CURRENT (mA)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
3561 G07
VIN = 3.3V
VOUT = 2.5V
Note 8: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com