Electronic Components Datasheet Search
  English  ▼

X  

LTC3561 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3561
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3561 Datasheet HTML 8Page - Linear Technology LTC3561 Datasheet HTML 9Page - Linear Technology LTC3561 Datasheet HTML 10Page - Linear Technology LTC3561 Datasheet HTML 11Page - Linear Technology LTC3561 Datasheet HTML 12Page - Linear Technology LTC3561 Datasheet HTML 13Page - Linear Technology LTC3561 Datasheet HTML 14Page - Linear Technology LTC3561 Datasheet HTML 15Page - Linear Technology LTC3561 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3561
14
3561f
TYPICAL APPLICATIO S
All Ceramic 2-Cell to 3.3V and 1.8V Converters
LTC3402
VIN
SHDN
MODE/SYNC
PGOOD
RT
SW
VOUT
FB
VC
GND
1000pF
10pF
2
CELLS
C1
10
µF
47k
49.9k
604k
1M
VOUT
3.3V
120mA/1A
L1
4.7
µH
D1
C2
44
µF
(2
× 22µF)
C1: TAIYO YUDEN JMK212BJ106MG
C2: TAIYO YUDEN JMK325BJ226MM
C5, C6: TAIYO YUDEN JMK325BJ226MM
VIN = 2V TO 3V
0 = FIXED FREQ
1 = Burst Mode OPERATION
+
LTC3561
PVIN
SW
SVIN
ITH
SHDN/RT
PGND
SGND
VFB
L2
2.2
µH
VOUT
1.8V/1A
887k
412k
1000pF
3561 TA06
C6
22
µF
10pF
13k
C5
10
µF
324k
D1: ON SEMICONDUCTOR MBRM120LT3
L1: TOKO A916CY-4R7M
L2: TOKO A914BYW-2R2M (D52LC SERIES)
ILOAD (mA)
1
40
80
90
100
10
100
1000
3561 TA07
70
60
50
VIN = 2.4V
1.8V
3.3V
Efficiency and VOUT Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com