Electronic Components Datasheet Search
  English  ▼

X  

LTC3561 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3561
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561 Datasheet(HTML) 4 Page - Linear Technology

  LTC3561 Datasheet HTML 1Page - Linear Technology LTC3561 Datasheet HTML 2Page - Linear Technology LTC3561 Datasheet HTML 3Page - Linear Technology LTC3561 Datasheet HTML 4Page - Linear Technology LTC3561 Datasheet HTML 5Page - Linear Technology LTC3561 Datasheet HTML 6Page - Linear Technology LTC3561 Datasheet HTML 7Page - Linear Technology LTC3561 Datasheet HTML 8Page - Linear Technology LTC3561 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3561
4
3561f
TYPICAL PERFOR A CE CHARACTERISTICS
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
120
115
110
105
100
95
90
3561 G12
MAIN SWITCH
SYNCHRONOUS SWITCH
TA = 25°C
Frequency Variation
vs Temperature
RDS(ON) vs VIN
–50
–25
0
25
50
75
100
125
TEMPERATURE (
°C)
10
8
6
4
2
0
–2
–4
–6
–8
–10
3561 G10
FREQUENCY (MHz)
0
85
90
95
100
12
3561 G11
34
VIN = 3.3V
VOUT = 2.5V
IOUT = 500mA
TA = 25°C
Efficiency vs Frequency
PI FU CTIO S
SHDN/RT (Pin 1): Combination Shutdown and Timing
Resistor Pin. The oscillator frequency is programmed by
connecting a resistor from this pin to ground. Forcing this
pin to SVIN causes the device to be shut down. In
shutdown all functions are disabled.
SGND (Pin 2): The Signal Ground Pin. All small signal
components and compensation components should be
connected to this ground (see Board Layout
Considerations).
SW (Pin 3): The Switch Node Connection to the Inductor.
This pin swings from PVIN to PGND.
PGND (Pin 4): Main Power Ground Pin. Connect to the
(–) terminal of COUT, and (–) terminal of CIN.
PVIN (Pin 5): Main Supply Pin. Must be closely decoupled
to PGND.
SVIN (Pin 6): The Signal Power Pin. All active circuitry is
powered from this pin. Must be closely decoupled to
SGND. SVIN must be greater than or equal to PVIN.
VFB (Pin 7): Receives the feedback voltage from the
external resistive divider across the output. Nominal
voltage for this pin is 0.8V.
ITH (Pin 8): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is 0V to 1.5V.
Exposed Pad (Pin 9): Thermal Connection to PCB. This
pin should be soldered to ground to achieve rated
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com