Electronic Components Datasheet Search
  English  ▼

X  

LTC3561A Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3561A
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561A Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3561A Datasheet HTML 3Page - Linear Technology LTC3561A Datasheet HTML 4Page - Linear Technology LTC3561A Datasheet HTML 5Page - Linear Technology LTC3561A Datasheet HTML 6Page - Linear Technology LTC3561A Datasheet HTML 7Page - Linear Technology LTC3561A Datasheet HTML 8Page - Linear Technology LTC3561A Datasheet HTML 9Page - Linear Technology LTC3561A Datasheet HTML 10Page - Linear Technology LTC3561A Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3561A
7
3561af
SHDN/RT (Pin 1): Combination Shutdown and Timing
Resistor Pin. The oscillator frequency is programmed by
connecting a resistor from this pin to ground. Forcing
this pin to SVIN causes the device to be shut down. In
shutdown all functions are disabled.
SGND (Pin 2): Signal Ground. All SGND and PGND pins
must be connected together through a thick copper trace
or ground plane.
SW (Pin 3): The Switch Node Connection to the Inductor.
This pin swings from PVIN to PGND.
PGND (Pin 4): Power Ground. Connect to the (–) terminal
of COUT, and (–) terminal of CIN. All SGND and PGND pins
must be connected together through a thick copper trace
or ground plane.
PVIN (Pin 5): Main Supply Pin. Must be closely decoupled
to PGND.
PIN FUNCTIONS
SVIN (Pin 6): The Signal Power Pin. All active circuitry
is powered from this pin. Must be closely decoupled to
SGND. SVIN must be greater than or equal to PVIN.
VFB (Pin 7): Receives the feedback voltage from the ex-
ternal resistive divider across the output. Nominal voltage
for this pin is 0.8V.
ITH(Pin8):ErrorAmplifierCompensationPoint.Thecurrent
comparator threshold increases with this control voltage.
Nominal voltage range for this pin is 0.4V to 1.4V.
Exposed Pad (Pin 9): Signal Ground. All small-signal
components and compensation components should be
connected to this ground (see Board Layout Consider-
ations). Must be soldered to electrical ground on PCB.
All SGND and PGND pins must be connected together
through a thick copper trace or ground plane.
NOMINAL (V)
ABSOLUTE MAX (V)
PIN
NAME
DESCRIPTION
MIN
TYP
MAX
MIN
MAX
1
SHDN/RT
Shutdown/Timing Resistor
–0.3
0.8
SVIN
–0.3
SVIN + 0.3
2
SGND
Signal Ground
0
3
SW
Switch Node
0
PVIN
–0.3
PVIN + 0.3
4
PGND
Main Power Ground
0
5PVIN
Main Power Supply
–0.3
5.5
–0.3
SVIN + 0.3
6SVIN
Signal Power Supply
2.5
5.5
–0.3
6
7VFB
Output Feedback Pin
0
0.8
1.0
–0.3
SVIN + 0.3
8ITH
Error Amplifier Compensation and Run Pin
0.4
1.4
–0.3
SVIN + 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com