Electronic Components Datasheet Search
  English  ▼

X  

LTC3561A Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3561A
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561A Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3561A Datasheet HTML 2Page - Linear Technology LTC3561A Datasheet HTML 3Page - Linear Technology LTC3561A Datasheet HTML 4Page - Linear Technology LTC3561A Datasheet HTML 5Page - Linear Technology LTC3561A Datasheet HTML 6Page - Linear Technology LTC3561A Datasheet HTML 7Page - Linear Technology LTC3561A Datasheet HTML 8Page - Linear Technology LTC3561A Datasheet HTML 9Page - Linear Technology LTC3561A Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3561A
6
3561af
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up from Shutdown
Load Step
Load Step
Load Step
VOUT Short to Ground
TA = 25°C, VIN = 3.6V, fO = 1MHz, unless otherwise noted.
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
VOUT
1V/DIV
IL
2A/DIV
3561A G26
40μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 1A
SHDN/RT
2V/DIV
VOUT
1V/DIV
IL
1A/DIV
3561A G21
200μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A to 1A
VOUT
100mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
3561A G23
40μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 20mA to 1A
VOUT
100mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
3561A G24
40μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 200mA to 1A
VOUT
100mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
3561A G25
40μs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com