Electronic Components Datasheet Search
  English  ▼

X  

LTC3561A Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3561A
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561A Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3561A Datasheet HTML 10Page - Linear Technology LTC3561A Datasheet HTML 11Page - Linear Technology LTC3561A Datasheet HTML 12Page - Linear Technology LTC3561A Datasheet HTML 13Page - Linear Technology LTC3561A Datasheet HTML 14Page - Linear Technology LTC3561A Datasheet HTML 15Page - Linear Technology LTC3561A Datasheet HTML 16Page - Linear Technology LTC3561A Datasheet HTML 17Page - Linear Technology LTC3561A Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3561A
14
3561af
Checking Transient Response
The OPTI-LOOP
® compensation allows the transient re-
sponse to be optimized for a wide range of loads and output
capacitors. The availability of the ITH pin not only allows
optimization of the control loop behavior but also provides
a DC coupled and AC filtered closed loop response test
point. The DC step, rise time and settling time at this test
point truly reflects the closed loop response. Assuming a
predominantly second order system, phase margin and/or
damping factor can be estimated using the percentage of
overshoot seen at this pin. The bandwidth can also be
estimated by examining the rise time at the pin.
The ITH external components shown in the circuit on page 1
of this data sheet will provide an adequate starting point for
most applications. The series R-C filter sets the dominant
pole-zero loop compensation. The values can be modified
slightly (from 0.5 to 2 times their suggested values) to
optimize transient response once the final PC layout is
done and the particular output capacitor type and value
have been determined. The output capacitors need to be
selected because the various types and values determine
the loop feedback factor gain and phase. An output current
pulse of 20% to 100% of full load current having a rise
time of 1μs to 10μs will produce output voltage and ITH
pin waveforms that will give a sense of the overall loop
stability without breaking the feedback loop.
Switching regulators take several cycles to respond to a
step in load current. When a load step occurs, VOUT im-
mediately shifts by an amount equal to
ΔILOAD•ESR,where
ESR is the effective series resistance of COUT. ΔILOAD also
begins to charge or discharge COUT generating a feedback
error signal used by the regulator to return VOUT to its
steady-state value. During this recovery time, VOUT can
be monitored for overshoot or ringing that would indicate
a stability problem.
The initial output voltage step may not be within the
bandwidth of the feedback loop, so the standard second
order overshoot/DC ratio cannot be used to determine
phase margin. The gain of the loop increases with R and
the bandwidth of the loop increases with decreasing C.
If R is increased by the same factor that C is decreased,
the zero frequency will be kept the same, thereby keeping
the phase the same in the most critical frequency range
of the feedback loop. In addition, a feedforward capacitor
CF can be added to improve the high frequency response,
as shown in Figure 4. Capacitor CF provides phase lead by
creating a high frequency zero with R2 which improves
the phase margin.
The output voltage settling behavior is related to the stability
of the closed-loop system and will demonstrate the actual
overall supply performance. For a detailed explanation of
optimizing the compensation components, including a
review of control loop theory, refer to Linear Technology
Application Note 76.
Although a buck regulator is capable of providing the full
output current in dropout, it should be noted that as the
input voltage VINdropstowardVOUT,theloadstepcapability
APPLICATIONS INFORMATION
Figure 4. LTC3561A General Schematic
OPTI-LOOP is a registered trademark of Linear Technology Corporation.
PVIN
LTC3561A
SW
SVIN
VFB
ITH
SHDN/RT
D1
OPTIONAL
VIN
SGND PGND
CF
RT
RC
R1
R2
3561A F04
CC
CITH
C5
VOUT
CIN
+
+
C6
PGND
PGND
SGND
SGND
SGND SGND
GND
PGND
PGND
COUT
R6
C8
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com