Electronic Components Datasheet Search
  English  ▼

X  

SM7516 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SM7516
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7516 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SM7516 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
ELECTRICAL CHARACTERISTICS (VDD =PVDD = 5.5V, Ta = 25oC unless otherwise noted)
OPERATING CHARACTERISTICS
(VDD =PVDD = 5V, RL = 3Ω, Gain = 6dB, Ta = 25oC unless otherwise noted)
Characteristic
Condition
Min.
Typ.
Max.
Unit
Output offset voltage (measured
differentially)
Power supply rejection ratio
Symbol
VOO
PSRR
llH
VDD=5.5V,Gain=20dB, SE/BTL=0V
VDD=PVDD=4.0V to 5.5V
60
mV
-42
-70
dB
VDD=PVDD=5.5V,
Vl=VDD=PVDD
1uA
High-level input current
(SE/BTL,SHUTDOWN,VOLUME)
-
-
-
-
-
Supply current, no load
llL
lDD
VDD=PVDD=5.5V , Vl=0V
1
uA
VDD=PVDD=5.5V,SE/BTL=0V,
SHUTDOWN=2V
Supply current,max power into a 3Ω load
Supply current,shutdown mode
lDD
lDD(SD)
VDD=PVDD=5.5V,SE/BTL=5.5V,
SHUTDOWN=2V
5.5
8.0
10
3.0
5.0
6.0
mA
VDD=5V=PVDD,SE/BTL=0V,
SHUTDOWN=2V,RL=3Ω,
PO=2W,Stereo
1.5
ARMS
SHUTDOWN=0.0V
1
20
uA
Low-level input
current(SE/BTL,SHUTDOWN,VOLUME)
-
-
-
-
-
Symbol
Characteristic
Condition
Min.
Typ.
Max.
Unit
Output Power (1)
W
PO
THD+N=1%
1.9
THD+N=10%
2.3
f = 1KHz, RL =4Ω,
BTL Mode ,
Gain =20 dB
THD+N=1%
1.4
THD+N=10%
1.7
f = 1KHz, RL =8Ω,
BTL Mode ,
Gain =20 dB
-
-
--
-
-
-
-
VOH
High-level output voltage
RL=8Ω,
Measured between output and VDD
600
mV
VOL
Low-level output voltage
RL=8Ω,
Measured between output and GND
400
mV
V(BYPASS)
Bypass voltage(Nominally VDD/2)(2)
Measured at pin 11,
No load, VDD=5.5V
2.65
2.75
2.85
V
--
-
-
THD+N
Total harmonic distortion+noise
PO =1W, RL=8Ω, f=20Hz to 20kHz
< 0.6
%
-
-
3
-
-
Noise output voltage
μVRMS
f= 20 Hz to 20 kHz,
Gain=0 dB, C(BYP)=1.0 uF
BTL
85
(1) Output power is measured at the output terminals of the IC.
(2) At 4V < VDD < 5.5V the DC bypass voltage is approximately VDD/2
-
-
VDD=5.5V, f = 1KHz, THD+N =10%
Page 4
V.0.1 Sep 12,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com