Electronic Components Datasheet Search
  English  ▼

X  

SM7516 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # SM7516
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7516 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM7516 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
APPLICATION INFORMATION
The figure is schematic diagrams of typical notebook computer application circuits.
Right
Speaker
Cc
1kΩ
Headphones
1kΩ
Cc
Left
Speaker
VDD
100kΩ
From DAC
or
Potentiometer
(DC Voltage)
Figure 1. SM7516 Application Circuit Using Single-Ended Inputs
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Page 6
V.0.1 Sep 12,2007
12
ROUT-
ROUT+
11
SE/BTL
VDD
100kΩ
VOLUME
10
9
Ci
Right Line
Audio Source
RLINEIN
1
Left Line
Audio Source
LLINEIN
2
Ci
VDD
4
C(BYP)
Cs
BYPASS
7
GND
8
SHUTDOWN
System
Control
LOUT +
LOUT -
63
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com