Electronic Components Datasheet Search
  English  ▼

X  

SM7516 Datasheet(PDF) 9 Page - SamHop Microelectronics Corp.

Part # SM7516
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7516 Datasheet(HTML) 9 Page - SamHop Microelectronics Corp.

Back Button SM7516 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 13Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TABLE OF GRAPHS
THD+N Total harmonic distortion plus noise(BTL)
vs Frequency
vs Output power
3,4,5
6,7,8
9,10
11,12
Closed loop response
13
vs Frequency
vs Frequency
FIGURE
Crosstalk
PSRR Power supply ripple rejection(BTL)
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
VOLUME OPERATION
The VOLUME controls the BTL volume when driving speakers and the SE volume when driving headphones.
The pin is controlled with a dc voltage, which should not exceed VDD.
When driving speakers in BTL mode, the VOLUME pin is the only pin that controls the gain. Table 1 shows the
gain for the BTL mode. The voltage listed in the table are for VDD=5V. For a different VDD, the values in the
table scale linearly. If VDD=4V, multiply all the voltages in the table by 4V/5V or 0.8.
Some audio systems require that the gain be limited in the single-ended mode to a level that is comfortable for
headphone listening. Most volume control devices only have one terminal for setting the gain. For example, if
the speaker gain is 20 dB, the gain in the headphone channel is fixed at 14 dB.
Table 1 show a range of voltages for each gain step. There is a gap in the voltage between each gain step.
This gap represents the hysteresis about each trip point in the internal comparator. The hysteresis ensures that
the gain control is monotonic and does not oscillate from one gain step to another. If a potentiometer is used to
adjust the voltage on the control terminals, the gain increases as the potentiometer is turned in one direction
and decreases as it is turned back the other direction. The trip point, where the gain actually changes, is
different depending on whether the voltage is increased or decreased as a result of the hysteresis about each
trip point. The gaps can also be thought of as indeterminate states where the gain could be in the next higher
gain step or the lower gain step depending on the direction the voltage is changing. If using a DAC to control
the volume, set the volume, set the voltage in the middle of each range to ensure that the desired gain is
achieved.
SHUTDOWN MODES
The SM7516 employs a shutdown mode of operation designed to reduce supply current (IDD) to the absolute
minimum level during periods of nonuse for battery-power conservation. The SHUTDOWN input terminal should
be held high during normal operation when the amplifier is in use. Pulling SHUTDOWN low causes the outputs
to mute and the amplifier to enter a low-current state, IDD= 20μA. SHUTDOWN should never be left
unconnected because amplifier operation would be unpredictable.
Page 8
V.0.1 Sep 12,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com