Electronic Components Datasheet Search
  English  ▼

X  

SM7516 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SM7516
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7516 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SM7516 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SAMHOP Microelectronics Corp.
Table 1. DC Volume Control (BTL Mode, VDD=5V)
0.00
0.31
0.42
0.54
0.65
0.76
0.87
0.98
1.10
1.21
1.32
1.43
0.23
0.34
0.46
0.56
0.67
0.79
0.90
1.01
1.12
1.24
1.35
1.46
1.54
1.66
1.77
1.88
1.99
2.10
2.21
2.33
2.44
2.55
2.67
2.77
2.89
3.00
3.11
3.22
3.33
3.44
3.55
3.67
1.57
1.68
1.79
1.91
2.02
2.13
2.24
2.35
2.47
2.57
2.70
2.80
2.92
3.03
3.14
3.26
3.37
3.48
3.60
5.00
-85
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
VOLUME
GAIN OF AMPLIFIER
(Typ.)
TO (V)
FROM (V)
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Page 5
V.0.1 Sep 12,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com