Electronic Components Datasheet Search
  English  ▼

X  

SM7516 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # SM7516
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7516 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button SM7516 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 12Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
The ability of the SM7516 to easily switch between BTL and SE modes is one of its most important cost saving
features. This feature eliminates the requirement for an additional headphone amplifier in applications where
internal stereo speakers are driven in BTL mode but external headphone or speakers must be accommodated.
Internal to the SM7516, two separate amplifiers drive OUT+ and OUT-. The SE/BTL input controls the operation
of the follower amplifier that drives LOUT- and ROUT-. When SE/BTL is held low, the amplifier is on and the
SM7516 is in the BTL mode. When SE/BTL is held high, the OUT- amplifiers are in a high output impedance
state, which configures the SM7516 as an SE driver from LOUT+ and ROUT+. IDD is reduced by approximately
one-third in SE mode. Control of the SE/BTL input can be from a logic-level CMOS source or, more typically,
from a resistor divider network as shown in Figure 2. The trip level for the SE/BTL input can be found in the
recommended operating condition table.
SE/BTL OPERATION
APPLICATION INFORMATION (continued)
+
_
ROUT+
ROUT-
RLINEIN
+
_
+
_
SE/BTL
BYP
EN
BYP
100KΩ
100KΩ
VDD
Co
330μF
1KΩ
LOUT+
Figure 2. SM7516 Resistor Divider Network Circuit
BYP
Using a 1/8-in. (3,5mm) stereo headphone jack, the control switch is closed when no plug is inserted. When
closed the 100KΩ/1KΩ divider pulls the SE/BTL input low. When a plug is inserted, the 1KΩ resistor is
disconnected and SE/BTL input is pulled high. When the input goes high, the OUT- amplifier is shut down
causing the speaker to mute (open-circuits the speaker). The OUT+ amplifier then drives through the output
capacitor (CO) into the headphone jack.
Page 7
V.0.1 Sep 12,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com