Electronic Components Datasheet Search
  English  ▼

X  

LTC3834 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3834
Description  30關A IQ Synchronous Step-Down Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834 Datasheet(HTML) 1 Page - Linear Technology

  LTC3834 Datasheet HTML 1Page - Linear Technology LTC3834 Datasheet HTML 2Page - Linear Technology LTC3834 Datasheet HTML 3Page - Linear Technology LTC3834 Datasheet HTML 4Page - Linear Technology LTC3834 Datasheet HTML 5Page - Linear Technology LTC3834 Datasheet HTML 6Page - Linear Technology LTC3834 Datasheet HTML 7Page - Linear Technology LTC3834 Datasheet HTML 8Page - Linear Technology LTC3834 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3834
1
3834fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
30µA IQ Synchronous
Step-Down Controller
High Efficiency Synchronous Step-Down Converter
n Automotive Systems
n Telecom Systems
n Battery-Operated Digital Devices
n Distributed DC Power Systems
L, LT, LTC, LTM, Burst Mode, PolyPhase and OPTI-LOOP are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5408150, 5481178, 5705919, 5929620, 6304066,
6498466, 6580258, 6611131.
n Wide Output Voltage Range: 0.8V ≤ VOUT ≤ 10V
n Low Operating Quiescent Current: 30μA
n OPTI-LOOP
® Compensation Minimizes COUT
n
±1% Output Voltage Accuracy
n Wide VIN Range: 4V to 36V
n Phase-Lockable Fixed Frequency 140kHz to 650kHz
n Dual N-Channel MOSFET Synchronous Drive
n Very Low Dropout Operation: 99% Duty Cycle
n Adjustable Output Voltage Soft-Start or Tracking
n Output Current Foldback Limiting
n Power Good Output Voltage Monitor
n Clock Output for PolyPhase
® Applications
n Output Overvoltage Protection
n Low Shutdown IQ: 4μA
n Internal LDO Powers Gate Drive from VIN or VOUT
n Selectable Continuous, Pulse Skipping or
Burst Mode
® Operation at Light Loads
n Small 20-Lead TSSOP or 4mm
× 5mm QFN Package
The LTC
®3834 is a high performance step-down switching
regulator controller that drives an all N-channel synchro-
nous power MOSFET stage. A constant-frequency current
mode architecture allows a phase-lockable frequency of
up to 650kHz.
The 30μA no-load quiescent current extends operating
life in battery powered systems. OPTI-LOOP compensa-
tion allows the transient response to be optimized over
a wide range of output capacitance and ESR values. The
LTC3834 features a precision 0.8V reference and a power
good output indicator. The 4V to 36V input supply range
encompasses a wide range of battery chemistries.
The TRACK/SS pin ramps the output voltage during
start-up. Current foldback limits MOSFET heat dissipa-
tion during short-circuit conditions. A reduced feature set
version of the part (LTC3834-1) is available in a smaller,
lower pin count package.
Comparison of LTC3834 and LTC3834-1
PART #
CLKOUT/
PHASMD
EXTVCC
PGOOD
PACKAGES
LTC3834
Yes
Yes
Yes
FE20/4mm
× 5mm QFN
LTC3834-1
No
No
No
GN16/3mm
× 5mm DFN
VOUT
3.3V
5A
150μF
0.01μF
VIN
4V TO 36V
ITH
SGND
PLLIN/MODE
VFB
SENSE+
SENSE–
CLKOUT
PLLLPF
RUN
PGOOD
TRACK/SS
INTVCC
EXTVCC
BG
PGND
LTC3834
3.3μH
0.012Ω
68.1k
3834 TA01
150pF
560pF
54.2k
215k
4.7μF
0.22μF
TG
VIN
BOOST
SW
10μF
OUTPUT CURRENT (A)
0.0001
0.01
1
3834 TA01b
0.000001
1
10
1000
100
0.1
10000
40
50
60
70
80
30
20
10
0
90
100


Similar Part No. - LTC3834

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3834 LINER-LTC3834 Datasheet
315Kb / 26P
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3834 LINER-LTC3834 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3834 LINER-LTC3834 Datasheet
541Kb / 36P
60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
LTC3834 LINER-LTC3834 Datasheet
487Kb / 28P
60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3834 LINER-LTC3834 Datasheet
422Kb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3834

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3826-1 LINER-LTC3826-1 Datasheet
424Kb / 32P
30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826 LINER-LTC3826 Datasheet
474Kb / 36P
30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1 Datasheet
301Kb / 28P
30關A IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
30A IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
Low IQ Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com