Electronic Components Datasheet Search
  English  ▼

X  

LTC3834 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3834
Description  30關A IQ Synchronous Step-Down Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834 Datasheet(HTML) 2 Page - Linear Technology

  LTC3834 Datasheet HTML 1Page - Linear Technology LTC3834 Datasheet HTML 2Page - Linear Technology LTC3834 Datasheet HTML 3Page - Linear Technology LTC3834 Datasheet HTML 4Page - Linear Technology LTC3834 Datasheet HTML 5Page - Linear Technology LTC3834 Datasheet HTML 6Page - Linear Technology LTC3834 Datasheet HTML 7Page - Linear Technology LTC3834 Datasheet HTML 8Page - Linear Technology LTC3834 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3834
2
3834fb
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... 36V to –0.3V
Topside Driver Voltage (BOOST) ................ 42V to –0.3V
Switch Voltage (SW) ..................................... 36V to –5V
INTVCC, (BOOST-SW), CLKOUT, PGOOD .. 8.5V to –0.3V
RUN, TRACK/SS ......................................... 7V to –0.3V
SENSE+, SENSE– Voltages ........................ 11V to –0.3V
PLLIN/MODE, PHASMD, PLLLPF ......... INTVCC to –0.3V
EXTVCC ...................................................... 10V to –0.3V
(Note 1)
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
CLKOUT
PLLLPF
ITH
TRACKS/SS
VFB
SGND
PGND
BG
INTVCC
EXTVCC
PHASMD
PLLIN/MODE
PGOOD
SENSE+
SENSE–
RUN
BOOST
TG
SW
VIN
21
TJMAX = 125°C, θJA = 35°C/W
EXPOSED PAD (PIN 21) IS SGND, MUST BE SOLDERED TO PCB
20 19 18 17
7
8
TOP VIEW
UFD PACKAGE
20-PIN (4mm
5mm) PLASTIC QFN
9
10
6
5
4
3
2
1
11
12
13
14
15
16
ITH
TRACK/SS
VFB
SGND
PGND
BG
PGOOD
SENSE+
SENSE–
RUN
BOOST
TG
21
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21) IS SGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3834EFE#PBF
LTC3834EFE#TRPBF
LTC3834FE
20-Lead Plastic TSSOP
–40°C to 85°C (Note 2)
LTC3834IFE#PBF
LTC3834IFE#TRPBF
LTC3834FE
20-Lead Plastic TSSOP
–40°C to 85°C
LTC3834EUFD#PBF
LTC3834EUFD#TRPBF
3834
20-Lead (4mm
× 5mm) Plastic QFN
–40°C to 85°C (Note 2)
LTC3834IUFD#PBF
LTC3834IUFD#TRPBF
3834
20-Lead (4mm
× 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ITH, VFB Voltages ...................................... 2.7V to –0.3V
Peak Output Current <10μs (TG, BG) ..........................3A
INTVCC Peak Output Current ................................. 50mA
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package ....................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com