Electronic Components Datasheet Search
  English  ▼

X  

LTC3834 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3834
Description  30關A IQ Synchronous Step-Down Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3834 Datasheet HTML 2Page - Linear Technology LTC3834 Datasheet HTML 3Page - Linear Technology LTC3834 Datasheet HTML 4Page - Linear Technology LTC3834 Datasheet HTML 5Page - Linear Technology LTC3834 Datasheet HTML 6Page - Linear Technology LTC3834 Datasheet HTML 7Page - Linear Technology LTC3834 Datasheet HTML 8Page - Linear Technology LTC3834 Datasheet HTML 9Page - Linear Technology LTC3834 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC3834
6
3834fb
Maximum Current Sense Voltage
vs ITH Voltage Cycle
SENSE Pins Total Input
Bias Current
Maximum Current Sense
Threshold vs Duty
Foldback Current Limit
Quiescent Current vs Temperature
SENSE Pins Total Input
Bias Current vs ITH
TRACK/SS Pull-Up Current
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
ITH PIN VOLTAGE (V)
40
6O
100
0.4
0.8
3834 G13
20
0
0
0.2
0.6
1.0
1.2
1.4
–20
–40
80
10% DUTY CYCLE
FORCED CONTINUOUS
Burst Mode OPERATION
(RISING)
Burst Mode OPERATION
(FALLING)
PULSE SKIPPING
VSENSE COMMON MODE VOLTAGE (V)
–120
–150
–180
–210
–240
30
0
–30
–60
–90
60
67
89
3834 G14
–270
3
2
1
04
510
–300
DUTY CYCLE (%)
80
120
30
50
3834 G15
60
40
10
020
40
60
100
70 80 90
20
0
100
FEEDBACK VOLTAGE (V)
0
80
120
0.3
0.5
3834 G16
60
40
0.1 0.2
0.4
0.6
0.9
0.7 0.8
20
0
100
TEMPERATURE (°C)
30
32
36
38
40
45
3834 G17
28
26
0
–15
–30
–45
15
30
60
75
90
24
22
34
ITH VOLTAGE (V)
2
3
4
1.2
3834 G18
1
0.6
0.4
0.2
0
0.8
1.0
1.4
0
TEMPERATURE (°C)
1.05
1.10
1.20
1.25
1.30
45
3834 G19
1.00
0.95
0
–15
–30
–45
15
30
60
75
90
0.90
1.15
TEMPERATURE (°C)
0.80
0.75
0.70
0.65
0.60
0.55
0.50
1.00
0.95
0.90
0.85
45
60
75
90
3834 G20
0
–15
–30
–45
15
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com