Electronic Components Datasheet Search
  English  ▼

X  

LTC3834 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3834
Description  30關A IQ Synchronous Step-Down Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834 Datasheet(HTML) 3 Page - Linear Technology

  LTC3834 Datasheet HTML 1Page - Linear Technology LTC3834 Datasheet HTML 2Page - Linear Technology LTC3834 Datasheet HTML 3Page - Linear Technology LTC3834 Datasheet HTML 4Page - Linear Technology LTC3834 Datasheet HTML 5Page - Linear Technology LTC3834 Datasheet HTML 6Page - Linear Technology LTC3834 Datasheet HTML 7Page - Linear Technology LTC3834 Datasheet HTML 8Page - Linear Technology LTC3834 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3834
3
3834fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VFB
Regulated Feedback Voltage
(Note 4); ITH Voltage = 1.2V
l
0.792
0.800
0.808
V
IVFB
Feedback Current
(Note 4)
–5
–50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 4V to 30V (Note 4)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 0.7V
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 2V
l
l
0.1
–0.1
0.5
–0.5
%
%
gm
Transconductance Amplifier gm
ITH = 1.2V; Sink/Source 5μA (Note 4)
0.5
mmho
IQ
Input DC Supply Current
Sleep Mode
Shutdown
(Note 5)
RUN = 5V, VFB = 0.83V (No Load)
VRUN = 0V
30
4
50
10
μA
μA
UVLO
Undervoltage Lockout
VIN Ramping Down
l
3.7
4
V
VOVL
Feedback Overvoltage Lockout
Measured at VFB Relative to Regulated VFB
810
12
%
ISENSE
Sense Pins Total Source Current
VSENSE– = VSENSE+ = 0V
–220
μA
DFMAX
Maximum Duty Factor
In Dropout
98
99.4
%
ITRACK/SS
Soft-Start Charge Current
VTRACK = 0V
0.85
1.1
1.45
μA
VRUN ON
RUN Pin ON Threshold
VRUN Rising
0.5
0.7
0.9
V
VSENSE(MAX)
Maximum Current Sense Threshold
VFB = 0.7V, VSENSE– = 3.3V
l
85
100
115
mV
TG tr
TG tf
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
50
50
90
90
ns
ns
BG tr
BG tf
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
40
40
90
80
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF
70
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF
70
ns
tON(MIN)
Minimum On-Time
(Note 7)
200
ns
INTVCC Linear Regulator
VINTVCCVIN
Internal VCC Voltage
8.5V < VIN < 30V, VEXTVCC = 0V
5
5.25
5.5
V
VLDOVIN
INTVCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 0V
0.2
1.0
%
VINTVCCEXT
Internal VCC Voltage
VEXTVCC = 8.5V
7.2
7.5
7.8
V
VLDOEXT
INTVCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 8.5V
0.2
1.0
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
4.5
4.7
V
VLDOHYS
EXTVCC Hysteresis
0.2
V
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VPLLLPF = No Connect
360
400
440
kHz
fLOW
Lowest Frequency
VPLLLPF = 0V
220
250
280
kHz
fHIGH
Highest Frequency
VPLLLPF = INTVCC
475
530
580
kHz
fSYNCMIN
Minimum Synchronizable Frequency
PLLIN/MODE = External Clock; VPLLLPF = 0V
115
140
kHz
fSYNCMAX
Maximum Synchronizable Frequency
PLLIN/MODE = External Clock; VPLLLPF = 2V
650
800
kHz
IPLLLPF
Phase Detector Output Current
Sinking Capability
Sourcing Capability
fPLLIN/MODE < fOSC
fPLLIN/MODE > fOSC
–5
5
μA
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com