Electronic Components Datasheet Search
  English  ▼

X  

LTC3834 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3834
Description  30關A IQ Synchronous Step-Down Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3834 Datasheet HTML 9Page - Linear Technology LTC3834 Datasheet HTML 10Page - Linear Technology LTC3834 Datasheet HTML 11Page - Linear Technology LTC3834 Datasheet HTML 12Page - Linear Technology LTC3834 Datasheet HTML 13Page - Linear Technology LTC3834 Datasheet HTML 14Page - Linear Technology LTC3834 Datasheet HTML 15Page - Linear Technology LTC3834 Datasheet HTML 16Page - Linear Technology LTC3834 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3834
13
3834fb
RSENSE Selection For Output Current
RSENSE is chosen based on the required output current.
The current comparator has a maximum threshold of
100mV/RSENSE and an input common mode range of
SGND to 10V. The current comparator threshold sets the
peak of the inductor current, yielding a maximum average
output current IMAX equal to the peak value less half the
peak-to-peak ripple current,
ΔIL.
Allowing a margin for variations in the IC and external
component values yields:
R
mV
I
SENSE
MAX
=
80
When using the controller in very low dropout conditions,
the maximum output current level will be reduced due to the
internal compensation required to meet stability criterion
for buck regulators operating at greater than 50% duty
factor. A curve is provided to estimate this reduction in
peak output current level depending upon the operating
duty factor.
Operating Frequency and Synchronization
The choice of operating frequency, is a trade-off between
efficiency and component size. Low frequency operation
improves efficiency by reducing MOSFET switching losses,
both gate charge loss and transition loss. However, lower
frequency operation requires more inductance for a given
amount of ripple current.
The internal oscillator of the LTC3834 runs at a nominal
400kHz frequency when the PLLLPF pin is left floating
and the PLLIN/MODE pin is a DC low or high. Pulling the
PLLLPF to INTVCC selects 530kHz operation; pulling the
PLLLPF to SGND selects 250kHz operation.
Alternatively, the LTC3834 will phase-lock to a clock
signal applied to the PLLIN/MODE pin with a frequency
between 140kHz and 650kHz (see Phase-Locked Loop
and Frequency Synchronization).
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So why would
APPLICATIONS INFORMATION
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because
of MOSFET gate charge losses. In addition to this basic
trade-off, the effect of inductor value on ripple current and
low current operation must also be considered.
The inductor value has a direct effect on ripple current.
The inductor ripple current
ΔIL decreases with higher
inductance or frequency and increases with higher VIN:
ΔI
fL
V
V
V
L
OUT
OUT
IN
=
⎛
⎝⎜
⎞
⎠⎟
1
1
()( )
–
Accepting larger values of
ΔIL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
ΔIL = 0.3(IMAX). The maximum
ΔIL occurs at the maximum input voltage.
The inductor value also has secondary effects. The tran-
sition to Burst Mode operation begins when the average
inductor current required results in a peak current below
10% of the current limit determined by RSENSE. Lower
inductor values (higher
ΔIL) will cause this to occur at
lower load currents, which can cause a dip in efficiency in
the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to decrease.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite or molypermalloy
cores. Actual core loss is independent of core size for a
fixed inductor value, but it is very dependent on inductance
selected. As inductance increases, core losses go down.
Unfortunately, increased inductance requires more turns
of wire and therefore copper losses will increase.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com