Electronic Components Datasheet Search
  English  ▼

X  

LTC4080X Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4080X
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080X Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4080X Datasheet HTML 4Page - Linear Technology LTC4080X Datasheet HTML 5Page - Linear Technology LTC4080X Datasheet HTML 6Page - Linear Technology LTC4080X Datasheet HTML 7Page - Linear Technology LTC4080X Datasheet HTML 8Page - Linear Technology LTC4080X Datasheet HTML 9Page - Linear Technology LTC4080X Datasheet HTML 10Page - Linear Technology LTC4080X Datasheet HTML 11Page - Linear Technology LTC4080X Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4080X
8
4080Xf
200
µs/DIV
VOUT
1V/DIV
VEN_BUCK
5V/DIV
4080X G28
0V
0V
50
µs/DIV
VOUT
20mV/DIV
AC COUPLED
ILOAD
250mA/DIV
I = 0
4080X G25
Output Voltage Transient
Step Response (Burst Mode)
Charger VPROG Soft-Start
Output Voltage Transient
Step Response (PWM Mode)
Output Voltage Waveform
when Switching Between Burst
and PWM Mode (ILOAD = 10mA)
Buck VOUT Soft-Start
(ILOAD = 50mA)
50
µs/DIV
VOUT
50mV/DIV
AC COUPLED
VMODE
5V/DIV
4080X G27
0V
50
µs/DIV
VOUT
20mV/DIV
AC COUPLED
ILOAD
50mA/DIV
4080X G26
I = 0
50
µs/DIV
VPROG
200mV/DIV
4080X G29
V = 0
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C, VCC = 5V, VBAT = 3.8V, unless otherwise
specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com