Electronic Components Datasheet Search
  English  ▼

X  

LTC4080X Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4080X
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080X Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4080X Datasheet HTML 8Page - Linear Technology LTC4080X Datasheet HTML 9Page - Linear Technology LTC4080X Datasheet HTML 10Page - Linear Technology LTC4080X Datasheet HTML 11Page - Linear Technology LTC4080X Datasheet HTML 12Page - Linear Technology LTC4080X Datasheet HTML 13Page - Linear Technology LTC4080X Datasheet HTML 14Page - Linear Technology LTC4080X Datasheet HTML 15Page - Linear Technology LTC4080X Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC4080X
12
4080Xf
If the die temperature starts to creep up above 115°C
due to internal power dissipation, the transconductance
amplifier, TA, limits the die temperature to approximately
115°C by reducing the charge current. Diode D3 ensures
that TA does not affect the charge current when the die
temperature is below 115°C. In thermal regulation, the
PROG pin voltage continues to give an indication of the
charge current.
In typical operation, the charge cycle begins in constant-
current mode with the current delivered to the battery equal
to 400V/RPROG. If the power dissipation of the LTC4080X
results in the junction temperature approaching 115°C, the
amplifier (TA) will begin decreasing the charge current to
limit the die temperature to approximately 115°C. As the
battery voltage rises, the LTC4080X either returns to full
constant-current mode or enters constant-voltage mode
straight from constant-temperature mode.
Battery Charger Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the VCC
input voltage and keeps the battery charger off until VCC
rises above 3.6V and approximately 82mV above the BAT
pin voltage. The 3.6V UVLO circuit has a built-in hysteresis
of approximately 0.6V, and the 82mV automatic shutdown
threshold has a built-in hysteresis of approximately 50mV.
During undervoltage lockout conditions, maximum battery
drain current is 5µA and maximum supply current is 10µA.
Undervoltage Charge Current Limiting (UVCL)
The battery charger in the LTC4080X includes undervoltage
charge current limiting that prevents full charge current
until the input supply voltage reaches approximately 300mV
above the battery voltage (ΔVUVCL1).Thisfeatureisparticu-
larly useful if the LTC4080X is powered from a supply with
long leads (or any relatively high output impedance). See
Applications Information section for further details.
Defective Battery Detection
At the beginning of a charge cycle, if the battery voltage
is below 2.9V for one quarter of the total charge time
(1.125 hr), the battery is assumed to be defective, the
charge cycle terminates and the
⎯C⎯H⎯R⎯G output pulses at a
frequency of 2Hz with a 75% duty cycle. If, for any reason,
the battery voltage rises above 2.9V, the charge cycle will
be restarted. To restart the charge cycle (i.e., when the
dead battery is replaced with a discharged battery less
than 2.9V), the charger must be reset by removing the
input voltage and reapplying it or temporarily pulling the
⎯E⎯N⎯_⎯C⎯H⎯R⎯G pin above the shutdown threshold.
Battery Charger Shutdown Mode
The LTC4080X’s battery charger can be disabled by pulling
the
⎯E⎯N⎯_⎯C⎯H⎯R⎯G pin above the shutdown threshold (VIH).
In shutdown mode, the battery drain current is reduced
to about 2µA and the VCC supply current to about 5µA
provided the regulator is off. When the input voltage is
not present, the battery charger is in shutdown and the
battery drain current is less than 5µA.
Power Supply Status Indicator (
⎯A⎯C⎯P⎯R)
The power supply status output has two states: pulldown
and high impedance. The pulldown state indicates that VCC
is above the undervoltage lockout threshold and at least
82mV above the BAT voltage (see Undervoltage Lockout).
When these conditions are not met, the
⎯A⎯C⎯P⎯R pin is high
impedance indicating that the LTC4080X is unable to
charge the battery.
⎯C⎯H⎯R⎯G Status Output Pin
The charge status indicator pin has three states: pulldown,
pulsing at 2Hz (see Defective Battery Detection) and high
impedance. The pulldown state indicates that the battery
charger is in a charge cycle. A high impedance state indi-
cates that the charge current has dropped below 10% of
the full-scale current or the battery charger is disabled.
When the timer runs out (4.5 hrs), the
⎯C⎯H⎯R⎯G pin is also
forced to the high impedance state. If the battery charger
is not in constant-voltage mode when the charge current
is forced to drop below 10% of the full-scale current by
UVCL,
⎯C⎯H⎯R⎯G will stay in the strong pulldown state.
Charge Current Soft-Start
The LTC4080X’s battery charger includes a soft-start circuit
to minimize the inrush current at the start of a charge cycle.
When a charge cycle is initiated, the charge current ramps
from zero to full-scale current over a period of approximate-
ly 180µs. This has the effect of minimizing the transient
current load on the power supply during start-up.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com