Electronic Components Datasheet Search
  English  ▼

X  

LTC4080X Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4080X
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080X Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4080X Datasheet HTML 12Page - Linear Technology LTC4080X Datasheet HTML 13Page - Linear Technology LTC4080X Datasheet HTML 14Page - Linear Technology LTC4080X Datasheet HTML 15Page - Linear Technology LTC4080X Datasheet HTML 16Page - Linear Technology LTC4080X Datasheet HTML 17Page - Linear Technology LTC4080X Datasheet HTML 18Page - Linear Technology LTC4080X Datasheet HTML 19Page - Linear Technology LTC4080X Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4080X
20
4080Xf
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0307 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
Battery Chargers
LTC3550
Dual Input USB/AC Adapter Li-Ion Battery Charger
with Adjustable Output 600mA Buck Converter
Synchronous Buck Converter, Efficiency: 93%, Adjustable Output: 600mA,
Charge Current: 950mA Programmable, USB Compatible, Automatic Input Power
Detection and Selection
LTC3550-1
Dual Input USB/AC Adapter Li-Ion Battery Charger
with 600mA Buck Converter
Synchronous Buck Converter, Efficiency: 93%, Output: 1.875V at 600mA,
Charge Current: 950mA Programmable, USB Compatible, Automatic Input Power
Detection and Selection
LTC4054
Standalone Linear Li-Ion Battery Charger with
Integrated Pass Transistor in ThinSOT
TM
Thermal Regulation Prevents Overheating, C/10 Termination
LTC4061
Standalone Li-Ion Charger with Thermistor
Interface
4.2V, ±0.35% Float Voltage, Up to 1A Charge Current, 3mm × 3mm
DFN Package
LTC4061-4.4
Standalone Li-Ion Charger with Thermistor
Interface
4.4V (Max), ±0.4% Float Voltage, Up to 1A Charge Current, 3mm × 3mm
DFN Package
LTC4062
Standalone Linear Li-Ion Battery Charger with
Micropower Comparator
Up to 1A Charge Current, Charges from USB Port, Thermal Regulation
3mm × 3mm DFN Package
LTC4063
Li-Ion Charger with Linear Regulator
Up to 1A Charge Current, 100mA, 125mV LDO, 3mm × 3mm DFN Package
LTC4080
Standalone 500mA Charger with 300mA
Synchronous Buck
For 1-Cell Li-Ion/Polymer Batteries; Trickle Charge; Timer Termination +C/10;
Thermal Regulation, Buck Output: 0.8V to VBAT, Buck Input: 2.7V to 5.5V, 3mm ×
3mm DFN-10 Package
Power Management
LTC3405/LTC3405A 300mA (IOUT), 1.5MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.7V to 6V, VOUT = 0.8V, IQ = 20µA, ISD < 1µA,
ThinSOT Package
LTC3406/LTC3406A 600mA (IOUT), 1.5MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.6V, IQ = 20µA, ISD < 1µA,
ThinSOT Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.8V, IQ = 60µA, ISD < 1µA,
MS Package
LTC3440
600mA (IOUT), 2MHz, Synchronous Buck-Boost
DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 2.5V, IQ = 25µA, ISD < 1µA,
MS Package
LTC4411/LTC4412
Low Loss PowerPath
TM Controller in ThinSOT
Automatic Switching Between DC Sources, Load Sharing, Replaces ORing Diodes
LTC4413
Dual Ideal Diode in DFN
2-Channel Ideal Diode ORing, Low Forward On-Resistance, Low Regulated
Forward Voltage, 2.5V ≤ VIN ≤ 5.5V
ThinSOT and PowerPath are trademarks of Linear Technology Corporation.
RELATED PARTS
TYPICAL APPLICATIO
Li-Ion Battery Charger with 1.5V Buck Regulator
D1
500mA
CBAT
4.7
µF
R3
510
Ω
RPROG
806
Ω
R2
806k
COUT
4.7
µF
4080X TA02
CPL
10pF
R1
715k
LTC4080X
VCC
ACPR
EN_CHRG
EN_BUCK
MODE
BAT
CHRG
SW
FB
PROG
VOUT
(1.5V/300mA)
L1, 1O
µH*
GND
D2
*COILCRAFT LPO1704-103M
R4, 510
Ω
CIN
4.7
µF
VCC
(3.75V
to 5.5V)
4.2V
Li-Ion
BATTERY
+
Buck Efficiency vs Load Current
(VOUT = 1.5V)
LOAD CURRENT (mA)
0.01
40
60
80
0.1
10
100
1
1000
20
0
100
1
10
100
0.1
0.01
1000
4080X G13
VBAT = 3.8V
VOUT = 1.5V
L = 10
µH
C = 4.7
µF
EFFICIENCY
(Burst)
POWER LOSS
(Burst)
EFFICIENCY
(PWM)
POWER
LOSS
(PWM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com