Electronic Components Datasheet Search
  English  ▼

X  

LTC4080X Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4080X
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080X Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4080X Datasheet HTML 12Page - Linear Technology LTC4080X Datasheet HTML 13Page - Linear Technology LTC4080X Datasheet HTML 14Page - Linear Technology LTC4080X Datasheet HTML 15Page - Linear Technology LTC4080X Datasheet HTML 16Page - Linear Technology LTC4080X Datasheet HTML 17Page - Linear Technology LTC4080X Datasheet HTML 18Page - Linear Technology LTC4080X Datasheet HTML 19Page - Linear Technology LTC4080X Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC4080X
17
4080Xf
APPLICATIO S I FOR ATIO
Where VOUT is the regulated output of the switching
regulator, IOUT is the regulator load and η is the regulator
efficiency at that particular load.
It is not necessary to perform worst-case power dissipa-
tion scenarios because the LTC4080X will automatically
reduce the charge current to maintain the die temperature
at approximately 115°C. However, the approximate ambi-
ent temperature at which the thermal feedback begins to
protect the IC is:
TA = 115°C – PDθJA
TA = 115°C – (VCC – VBAT) • IBAT • θJA if the regulator
is off.
Example: Consider the extreme case when an LTC4080X
is operating from a 6V supply providing 250mA to a 3V
Li-Ion battery and the regulator is off. The ambient tem-
perature above which the LTC4080X will begin to reduce
the 250mA charge current is approximately:
TA = 115°C – (6V – 3V) • (250mA) • 43°C/W
TA = 115°C – 0.75W • 43°C/W = 115°C – 32.25°C
TA = 82.75°C
If there is more power dissipation due to the regulator,
the thermal regulation will begin at a somewhat lower
temperature. In the above circumstances, the LTC4080X
can be used above 82.75°C, but the charge current will be
reduced from 250mA. The approximate current at a given
ambient temperature can be calculated:
I
CT
VV
BAT
A
CC
BAT
JA
=
°−
−
()
115
•
θ
Using the previous example with an ambient temperature
of 85°C, the charge current will be reduced to approxi-
mately:
I
CC
VV
C W
C
CA
BAT =
°− °
−
() °
=
°
°
=
115
85
63
43
30
129
2
•/
/
3
32 6
.mA
Furthermore, the voltage at the PROG pin will change
proportionally with the charge current as discussed in
the Programming Charge Current section.
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however, caution must be exercised when using multi-layer
ceramic capacitors. Because of the self-resonant and high
Q characteristics of some types of ceramic capacitors, high
voltage transients can be generated under some start-up con-
ditions, such as connecting the battery charger input to a live
power source. Adding a 1Ω series resistor in series with an
X5R ceramic capacitor will minimize start-up voltage transients.
For more information, refer to Application Note 88.
SWITCHING REGULATOR
Setting the Buck Converter Output Voltage
The LTC4080X regulator compares the FB pin voltage with
an internal 0.8V reference to generate an error signal at the
output of the error amplifier. A voltage divider from VOUT
to ground (as shown in the Block Diagram) programs the
output voltage via FB using the formula:
VV
R
R
OUT =+
⎡
⎣⎢
⎤
⎦⎥
08
1
7
8
.•
Keeping the current low (<5µA) in these resistors maxi-
mizes efficiency, but making them too low may allow stray
capacitance to cause noise problems and reduce the phase
margin of the error amp loop. To improve the frequency
response, a phase-lead capacitor (CPL) of approximately
10pF can be used. Great care should be taken to route the
FB line away from noise sources, such as the inductor or
the SW line.
Inductor Selection
The value of the inductor primarily determines the cur-
rent ripple in the inductor. The inductor ripple
current ΔIL decreases with higher inductance and
increases with higher VIN or VOUT:
∆I
V
fL
V
V
L
OUT
OUT
IN
=−
⎛
⎝⎜
⎞
⎠⎟
0
1
•
•
Accepting larger values of ΔIL allows the use of low
inductances, but results in higher output voltage ripple,
greater core losses, and lower output current capability. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com