Electronic Components Datasheet Search
  English  ▼

X  

LTC4090 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4090
Description  USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4090 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4090 Datasheet HTML 3Page - Linear Technology LTC4090 Datasheet HTML 4Page - Linear Technology LTC4090 Datasheet HTML 5Page - Linear Technology LTC4090 Datasheet HTML 6Page - Linear Technology LTC4090 Datasheet HTML 7Page - Linear Technology LTC4090 Datasheet HTML 8Page - Linear Technology LTC4090 Datasheet HTML 9Page - Linear Technology LTC4090 Datasheet HTML 10Page - Linear Technology LTC4090 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC4090/LTC4090-5
7
4090fa
TEMPERATURE (
°C)
–50
2.80
2.85
2.90
25
75
150
4090 G20
2.75
2.70
2.65
–25
0
50
100 125
DUTY CYCLE (%)
0
40
4090 G15
2.5
20
60
1.5
1.0
4.0
3.5
3.0
2.0
80
100
RUN/SS PIN VOLTAGE (V)
0
3.5
1.5
4090 G14
2.0
1.0
0.5
1
2
0.5
0
4.0
3.0
2.5
1.5
2.5
3
3.5
TEMPERATURE (
°C)
–50
500
600
700
800
900
050
100
150
4090 G12
1000
1100
–25
25
75
125
HVOUT (V)
0
0
100
300
400
500
1000
700
1
2
4090 G13
200
800
900
600
3
4
BOOST DIODE CURRENT (A)
0
0.8
1.0
1.2
2.0
4090 G18
0.6
0.4
0
0.5
1.0
1.5
0.2
1.4
LOAD CURRENT (mA)
1
5.0
6.0
7.0
10
100
1000
4090 G17
4.0
4.5
5.5
6.5
3.5
3.0
TO START
TO RUN
TEMPERATURE (
°C)
1.50
2.00
2.50
4090 G19
1.00
0.50
0
CURRENT LIMIT CLAMP
SWITCHING THRESHOLD
–50
25
–25
0
50
75
100
150
125
TYPICAL PERFORMANCE CHARACTERISTICS
High Voltage Regulator Switch
Frequency
High Voltage Regulator
Frequency Foldback
High Voltage Regulator Soft-Start
High Voltage Regulator Switch
Current Limit
High Voltage Regulator Minimum
Input Voltage
High Voltage Regulator Boost
Diode VF vs IF
High Voltage Regulator VC
Voltages
High Voltage Regulator Power
Good Threshold
TEMPERATURE (
°C)
2.0
2.5
3.5
3.0
4090 G16
1.5
1.0
0
0.5
4.5
4.0
DUTY CYCLE = 10 %
DUTY CYCLE = 90 %
–50
25
–25
0
50
75
100
150
125
High Voltage Regulator Switch
Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com