Electronic Components Datasheet Search
  English  ▼

X  

LTC4090 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4090
Description  USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4090 Datasheet(HTML) 3 Page - Linear Technology

  LTC4090 Datasheet HTML 1Page - Linear Technology LTC4090 Datasheet HTML 2Page - Linear Technology LTC4090 Datasheet HTML 3Page - Linear Technology LTC4090 Datasheet HTML 4Page - Linear Technology LTC4090 Datasheet HTML 5Page - Linear Technology LTC4090 Datasheet HTML 6Page - Linear Technology LTC4090 Datasheet HTML 7Page - Linear Technology LTC4090 Datasheet HTML 8Page - Linear Technology LTC4090 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC4090/LTC4090-5
3
4090fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. HVIN = HVEN = 12V, BOOST = 17V, VIN = HPWR = 5V, VBAT = 3.7V,
RPROG = 100k, RCLPROG = 2k and SUSP = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCLEN
Input Current Limit Enable Threshold
Voltage (VIN - VOUT)
(VIN - VOUT) Rising
(VIN - VOUT) Falling
20
–80
50
–50
80
–20
mV
mV
VUVLO
Input Undervoltage Lockout
VIN Rising
●
3.6
3.8
4
V
ΔVUVLO
Input Undervoltage Lockout Hysteresis
VIN Rising – VIN Falling
130
mV
High Voltage Regulator
VHVIN
HVIN Supply Voltage
●
660
V
VOVLO
HVIN Overvoltage Lockout Threshold
●
36
41.5
45
V
IHVIN
HVIN Bias Current
Shutdown; HVEN = 0.2V
Not Switching, HVOUT = 3.6V
●
0.01
130
0.5
200
μA
μA
VOUT
Output Voltage with HVIN Present
Assumes HVOUT to OUT Connection,
0 ≤ VBAT ≤ 4.2V (LTC4090)
3.45
VBAT + 0.3
4.6
V
VOUT
Output Voltage with HVIN Present
Assumes HVOUT to OUT Connection
(LTC4090-5)
4.85
5
5.15
V
fSW
Switching Frequency
RT = 8.66k
RT = 29.4k
RT = 187k
2.1
0.9
160
2.4
1.0
200
2.7
1.15
240
MHz
MHz
kHz
tOFF
Minimum Switch Off-Time
●
60
150
ns
ISW(MAX)
Switch Current Limit
Duty Cycle = 5%
3.0
3.5
4.0
A
VSAT
Switch VCESAT
ISW = 2A
500
mV
IR
Boost Schottky Reverse Leakage
SW = 10V, HVOUT = 0V
0.02
2
μA
VB(MIN)
Minimum Boost Voltage (Note 8)
●
1.5
2.1
V
IBST
BOOST Pin Current
ISW = 1A
22
35
mA
Battery Management
IBAT
Battery Drain Current
VBAT = 4.3V, Charging Stopped
Suspend Mode, SUSP = 5V
VIN = 0V, BAT Powers OUT, No Load
●
●
●
15
22
60
27
35
100
μA
μA
μA
VFLOAT
VBAT Regulated Output Voltage
IBAT = 2mA
IBAT = 2mA; 0 ≤ TA ≤ 85°C
4.165
4.158
4.200
4.200
4.235
4.242
V
V
ICHG
Constant-Current Mode Charge Current,
No Load
RPROG = 100k
RPROG = 50k, 0 ≤ TA ≤ 85°C
●
465
900
500
1000
535
1080
mA
mA
ICHG(MAX)
Maximum Charge Current
1.5
A
VPROG
PROG Pin Servo Voltage
RPROG = 100k
RPROG = 50k
●
●
0.98
0.98
1.00
1.00
1.02
1.02
V
V
kEOC
Ratio of End-of-Charge Indication
Current to Charge Current
VBAT = VFLOAT (4.2V)
●
0.085
0.1
0.11
mA/mA
ITRKL
Trickle Charge Current
BAT = 2V
35
50
60
mA
VTRKL
Trickle Charge Threshold Voltage
BAT Rising
●
2.75
2.9
3.0
V
VCEN
Charge Enable Threshold Voltage
(VOUT – VBAT) Falling; VBAT = 4V
(VOUT – VBAT) Rising; VBAT = 4V
55
80
mV
mV
ΔVRECHRG
Recharge Battery Threshold Voltage
Threshold Voltage Relative to VFLOAT
●
–65
–100
–135
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com