Electronic Components Datasheet Search
  English  ▼

X  

LTC4090 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4090
Description  USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4090 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4090 Datasheet HTML 14Page - Linear Technology LTC4090 Datasheet HTML 15Page - Linear Technology LTC4090 Datasheet HTML 16Page - Linear Technology LTC4090 Datasheet HTML 17Page - Linear Technology LTC4090 Datasheet HTML 18Page - Linear Technology LTC4090 Datasheet HTML 19Page - Linear Technology LTC4090 Datasheet HTML 20Page - Linear Technology LTC4090 Datasheet HTML 21Page - Linear Technology LTC4090 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC4090/LTC4090-5
18
4090fa
USB and 5V Wall Adapter Power
Although the LTC4090/LTC4090-5 are designed to draw
power from a USB port, a higher power 5V wall adapter
can also be used to power the application and charge the
battery (higher voltage wall adapters can be connected
directly to HVIN). Figure 4 shows an example of combining
a 5V wall adapter and a USB power input. With its gate
grounded by 1k, P-channel MOSFET MP1 provides USB
power to the LTC4090/LTC4090-5 when 5V wall power is
not available. When 5V wall power is available, diode D1
supplies power to the LTC4090/LTC4090-5, pulls the gate
of MN1 high to increase the charge current (by increasing
the input current limit), and pulls the gate of MP1 high to
disable it and prevent conduction back to the USB port.
Setting the Switching Frequency
The high voltage switching regulator uses a constant
frequency PWM architecture that can be programmed to
switch from 200kHz to 2.4MHz by using a resistor tied
from the RT pin to ground. A table showing the necessary
RT value for a desired switching frequency is in Table 1.
APPLICATIONS INFORMATION
Figure 4. USB or 5V Wall Adapter Power
Operating Frequency Tradeoffs
Selection of the operating frequency for the high voltage
buck regulator is a tradeoff between efficiency, component
size, minimum dropout voltage, and maximum input volt-
age. The advantage of high frequency operation is that
smaller inductor and capacitor values may be used. The
disadvantages are lower efficiency, lower maximum input
voltage, and higher dropout voltage. The highest acceptable
switching frequency (fSW(MAX)) for a given application can
be calculated as follows:
f
VV
tV
V
V
SW MAX
D
HVOUT
ON MIN
D
HVIN
SW
()
() •–
=
+
+
()
where VHVIN is the typical high voltage input voltage,
VHVOUT is the output voltage of the switching regulator, VD
is the catch diode drop (~0.5V), and VSW is the internal
switch drop (~0.5V at max load). This equation shows
that slower switching frequency is necessary to safely
accommodate high VHVIN/VHVOUT ratio. Also, as shown in
the next section, lower frequency allows a lower dropout
voltage. The reason input voltage range depends on the
switching frequency is because the high voltage switch
has finite minimum on and off times. The switch can turn
on for a minimum of ~150ns and turn off for a minimum
of ~150ns. This means that the minimum and maximum
duty cycles are:
DCMIN = fSW • tON(MIN)
DCMAX = 1 – fSW • tOFF(MIN)
where fSW is the switching frequency, tON(MIN) is the
minimum switch-on time (~150ns), and tOFF(MIN) is the
Table 1. Switching Frequency vs RT Value
SWITCHING FREQUENCY (MHz)
RT VALUE (kΩ)
0.2
187
0.3
121
0.4
88.7
0.5
68.1
0.6
56.2
0.7
46.4
0.8
40.2
0.9
34.0
1.0
29.4
1.2
23.7
1.4
19.1
1.6
16.2
1.8
13.3
2.0
11.5
2.2
9.76
2.4
8.66
2k
1k
MN1
2.87k
59k
IN
PROG
CLPROG
LTC4090
BAT
+
MP1
D1
ICHG
Li-Ion
BATTERY
5V WALL
ADAPTER
850mA ICHG
USB POWER
500mA ICHG
4090 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com