Electronic Components Datasheet Search
  English  ▼

X  

LTC4090 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4090
Description  USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4090 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4090 Datasheet HTML 10Page - Linear Technology LTC4090 Datasheet HTML 11Page - Linear Technology LTC4090 Datasheet HTML 12Page - Linear Technology LTC4090 Datasheet HTML 13Page - Linear Technology LTC4090 Datasheet HTML 14Page - Linear Technology LTC4090 Datasheet HTML 15Page - Linear Technology LTC4090 Datasheet HTML 16Page - Linear Technology LTC4090 Datasheet HTML 17Page - Linear Technology LTC4090 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC4090/LTC4090-5
14
4090fa
OPERATION
The oscillator reduces the switch regulator’s operating
frequency when the voltage at the HVOUT pin is low (be-
low 2.95V). This frequency foldback helps to control the
output current during start-up and overload.
The high voltage regulator contains a power good com-
parator which trips when the HVOUT pin is at 2.8V. The PG
output is an open-collector transistor that is off when the
output is in regulation, allowing an external resistor to pull
the PG pin high. Power good is valid when the switching
regulator is enabled and HVIN is above 3.6V.
Ideal Diode From BAT to OUT
The LTC4090/LTC4090-5 have an internal ideal diode as
well as a controller for an optional external ideal diode. If
a battery is the only power supply available, or if the load
current exceeds the programmed input current limit, then
the battery will automatically deliver power to the load via
an ideal diode circuit between the BAT and OUT pins. The
ideal diode circuit (along with the recommended 4.7μF
capacitor on the OUT pin) allows the LTC4090/LTC4090-5
to handle large transient loads and wall adapter or USB
VBUS connect/disconnect scenarios without the need for
large bulk capacitors. The ideal diode responds within
a few microseconds and prevents the OUT pin voltage
from dropping significantly below the BAT pin voltage.
A comparison of the I-V curve of the ideal diode and a
Schottky diode can be seen in Figure 3.
If the desired input current increases beyond the pro-
grammed input current limit additional current will be drawn
from the battery via the internal ideal diode. Furthermore,
if power to IN (USB VBUS) or HVIN (high voltage input) is
removed, then all of the application power will be provided
by the battery via the ideal diode. A 4.7μF capacitor at
OUT is sufficient to keep a transition from input power
to battery power from causing significant output voltage
droop. The ideal diode consists of a precision amplifier that
enables a large P-channel MOSFET transistor whenever the
voltage at OUT is approximately 20mV (VFWD) below the
voltage at BAT. The resistance of the internal ideal diode
is approximately 215m
Ω.
If this is sufficient for the application then no external
components are necessary. However if more conductance
is needed, an external P-channel MOSFET can be added
from BAT to OUT. The GATE pin of the LTC4090/LTC4090-5
drives the gate of the external PFET for automatic ideal
diode control. The source of the external MOSFET should
be connected to OUT and the drain should be connected
to BAT. In order to help protect the external MOSFET in
overcurrent situations, it should be placed in close thermal
contact to the LTC4090/LTC4090-5.
Figure 2. Input and Battery Currents as a Function of Load Current
IIN
ILOAD(mA)
0
300
400
500
400
500
300
4090 F02a
200
100
100
200
0
ILOAD
IBAT
(CHARGING)
IBAT
(IDEAL DIODE)
IIN
ILOAD(mA)
0
60
80
100
80
100
60
4090 F02b
40
20
20
40
0
ILOAD
IBAT
(CHARGING)
IBAT
(IDEAL DIODE)
ILOAD (mA)
0
300
400
500
400
500
300
4090 F02c
200
100
100
200
0
IIN
ILOAD
IBAT = ICHG
IBAT = ICL = IOUT
IBAT
(CHARGING)
IBAT
(IDEAL DIODE)
(a) High Power Mode/Full Charge
RPROG = 100k and RCLPROG = 2k
(a) Low Power Mode/Full Charge
RPROG = 100k and RCLPROG = 2k
(a) High Power Mode with
ICL = 500mA and ICHG = 250mA
RPROG = 100k and RCLPROG = 2k
Burst Mode is a registered trademark of Linear Technology Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com