Electronic Components Datasheet Search
  English  ▼

X  

BQ2018TS Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2018TS
Description  Power Minder IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2018TS Datasheet(HTML) 1 Page - Texas Instruments

  BQ2018TS Datasheet HTML 1Page - Texas Instruments BQ2018TS Datasheet HTML 2Page - Texas Instruments BQ2018TS Datasheet HTML 3Page - Texas Instruments BQ2018TS Datasheet HTML 4Page - Texas Instruments BQ2018TS Datasheet HTML 5Page - Texas Instruments BQ2018TS Datasheet HTML 6Page - Texas Instruments BQ2018TS Datasheet HTML 7Page - Texas Instruments BQ2018TS Datasheet HTML 8Page - Texas Instruments BQ2018TS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Features
® Multifunction charge/discharge
counter
® Resolves signals less than 12.5
µV
® Internal offset calibration im-
proves accuracy
® 1024 bits of NVRAM configured as
128x8
® Internal temperature sensor for
self-discharge estimation
® Single-wire serial interface
® Dual operating modes:
- Operating: <80µA
- Sleep: <10µA
® REG output for low-cost mi-
croregulation
® Internal timebase eliminates ex-
ternal components
® 8-pin TSSOP or SOIC allows bat-
tery pack integration
General Description
The bq2018 is a low-cost charge/dis-
charge counter peripheral packaged in
an 8-pin TSSOP or SOIC.
It works
with an intelligent host controller, pro-
viding state-of-charge information for
rechargeable batteries.
The bq2018 measures the voltage
drop across a low-value series sense
resistor between the negative termi-
nal of the battery and the battery
pack ground contact. By using the ac-
cumulated counts in the charge,
discharge, and self-discharge regis-
ters, an intelligent host controller can
determine battery state-of-charge in-
formation.
To improve accuracy, an
offset count register is available. The
system host controller is responsible
for the register maintenance by reset-
ting the charge in/out and self-
discharge registers as needed.
The bq2018 also features 128 bytes
of NVRAM registers. The upper 13
bytes of NVRAM contain the capac-
ity monitoring and status informa-
tion. The RBI input operates from
an external power storage source
such as a capacitor or a series cell in
the battery pack, providing register
nonvolatility for periods when the
battery is shorted to ground or when
the battery charge state is not suffi-
cient to operate the bq2018. During
this mode, the register backup cur-
rent is less than 100nA.
Packaged in an 8-pin TSSOP or
SOIC, the bq2018 is small enough
to fit in the crevice between two A-
size cells or within the width of a
prismatic cell.
REG
Regulator output
VCC
Supply voltage input
VSS
Ground
HDQ
Data input/output
1
PN-201801.eps
8-Pin TSSOP or Narrow SOIC
2
3
4
8
7
6
5
REG
VCC
VSS
HDQ
WAKE
SR1
SR2
RBI
WAKE
Wake-up output
SR1
Current sense input 1
SR2
Current sense input 2
RBI
Register backup input
Pin Connections
Pin Names
bq2018
Power Minder™ IC
SLUS003–JUNE 1999 C


Similar Part No. - BQ2018TS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2018TS-E1 TI-BQ2018TS-E1 Datasheet
712Kb / 25P
Power Minder IC
BQ2018TS-E1 TI-BQ2018TS-E1 Datasheet
712Kb / 25P
Power Minder IC
BQ2018TS-E1 TI2-BQ2018TS-E1 Datasheet
790Kb / 31P
Power Minder™ IC
23-May-2025
BQ2018TS-E1.B TI2-BQ2018TS-E1.B Datasheet
790Kb / 31P
Power Minder™ IC
23-May-2025
BQ2018TS-E1TR TI-BQ2018TS-E1TR Datasheet
712Kb / 25P
Power Minder IC
More results

Similar Description - BQ2018TS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2118 TI-BQ2118 Datasheet
369Kb / 5P
Power Minder??Mini-Board
logo
KODENSHI_AUK CORP.
KOM-5121 KODENSHI-KOM-5121 Datasheet
236Kb / 1P
Power Monitor IC
logo
International Rectifier
PVR3301 IRF-PVR3301 Datasheet
83Kb / 6P
Microelectronic Power IC
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
List of Unclassifed Man...
DM2018 ETC2-DM2018 Datasheet
217Kb / 3P
bq2018 Power Minder??Demonstration Module
logo
International Rectifier
PVG612S IRF-PVG612S Datasheet
1Mb / 5P
Microelectronic Power IC
logo
Texas Instruments
BQ2018SN-E1 TI-BQ2018SN-E1 Datasheet
712Kb / 25P
Power Minder IC
BQ2018TS-E1 TI-BQ2018TS-E1 Datasheet
712Kb / 25P
Power Minder IC
logo
Unisonic Technologies
81XX UTC-81XX_15 Datasheet
241Kb / 7P
POWER RESET IC
logo
Kendall Howard
0004-1-002-01 KENDALLHOWARD-0004-1-002-01 Datasheet
499Kb / 1P
UNIVERSAL WIRE MINDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com